Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9547 Datasheet (PDF) - NXP Semiconductors

PCA9547 Datasheet PDF - NXP Semiconductors
Part # PCA9547
Download  PCA9547 Download
File Size   150.13 Kbytes
Page   26 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 8-channel I2C-bus multiplexer with reset

PCA9547 Datasheet (PDF)

Go To PDF Page Download Datasheet
PCA9547 Datasheet PDF - NXP Semiconductors

Part # PCA9547
Download  PCA9547 Click to download

File Size   150.13 Kbytes
Page   26 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 8-channel I2C-bus multiplexer with reset

PCA9547 Datasheet (HTML) - NXP Semiconductors


PCA9547 Product details

General description

The PCA9547 is an octal bidirectional translating multiplexer controlled by the I2C-bus.

The SCL/SDA upstream pair fans out to eight downstream pairs, or channels. Only one SCx/SDx channel can be selected at a time, determined by the contents of the programmable control register. The device powers up with Channel 0 connected, allowing immediate communication between the master and downstream devices on that channel.



Features

1-of-8 bidirectional translating multiplexer

I2C-bus interface logic; compatible with SMBus standards

Active LOW RESET input

3 address pins allowing up to 8 devices on the I2C-bus

Channel selection via I2C-bus, one channel at a time

Power-up with all channels deselected except Channel 0 which is connected

Low Ron multiplexers

Allows voltage level translation between 1.8 V, 2.5 V, 3.3 V and 5 V buses

No glitch on power-up

Supports hot insertion

Low standby current

Operating power supply voltage range of 2.3 V to 5.5 V

5 V tolerant inputs

0 Hz to 400 kHz clock frequency

ESD protection exceeds 2000 V HBM per JESD22-A114, 200 V MM per JESD22-A115, and 1000 V CDM per JESD22-C101

Latch-up testing is done to JEDEC Standard JESD78 which exceeds 100 mA

Packages offered: SO24, TSSOP24, HVQFN24


 




Similar Part No. - PCA9547

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9547 TI-PCA9547 Datasheet
140Kb / 26P
8-channel I2C-bus multiplexer with reset
logo
NXP Semiconductors
PCA9547 NXP-PCA9547 Datasheet
727Kb / 8P
Smart, simple solutions for the 12 most common design concerns
August 2011
logo
Texas Instruments
PCA9547BS TI-PCA9547BS Datasheet
140Kb / 26P
8-channel I2C-bus multiplexer with reset
PCA9547D TI-PCA9547D Datasheet
140Kb / 26P
8-channel I2C-bus multiplexer with reset
PCA9547PW TI-PCA9547PW Datasheet
140Kb / 26P
8-channel I2C-bus multiplexer with reset
More results


Similar Description - PCA9547

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9547 TI-PCA9547 Datasheet
140Kb / 26P
8-channel I2C-bus multiplexer with reset
logo
NXP Semiconductors
PCA9546A NXP-PCA9546A Datasheet
147Kb / 25P
4-channel I2C-bus switch with reset
Rev. 05-2 July 2009
PCA9548A NXP-PCA9548A Datasheet
152Kb / 26P
8-channel I2C-bus switch with reset
Rev. 03-7 July 2009
logo
Pericom Semiconductor C...
PI4MSD5V9547 PERICOM-PI4MSD5V9547 Datasheet
628Kb / 13P
8 Channel I2C bus multiplexer
logo
NXP Semiconductors
PCA9847PWJ NXP-PCA9847PWJ Datasheet
1Mb / 31P
8-channel ultra-low voltage, Fm I2C-bus multiplexer with reset
Rev. 1-9 November 2015
PCA9849PWJ NXP-PCA9849PWJ Datasheet
968Kb / 30P
4-channel ultra-low voltage, Fm I2C-bus multiplexer with reset
Rev. 1-16 November 2015
logo
Nuvoton Technology Corp...
NCT5946Y NUVOTON-NCT5946Y Datasheet
936Kb / 25P
4-channel I2C-bus switch with reset
NCT5948Y NUVOTON-NCT5948Y Datasheet
990Kb / 26P
8-channel I2C-bus switch with reset
logo
NXP Semiconductors
PCA9847 NXP-PCA9847 Datasheet
427Kb / 29P
8-channel ultra-low voltage, Fm I2C-bus multiplexer with reset
Rev. 2.0 - 30 June 2023
PCA9849 NXP-PCA9849 Datasheet
449Kb / 27P
4-channel ultra-low voltage, Fm I2C-bus multiplexer with reset
Rev. 2.0 - 30 June 2023
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com