Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9540 Datasheet (PDF) - NXP Semiconductors

PCA9540 Datasheet PDF - NXP Semiconductors
Part # PCA9540
Download  PCA9540 Download
File Size   110.04 Kbytes
Page   10 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 2-channel I2C multiplexer

PCA9540 Datasheet (PDF)

Go To PDF Page Download Datasheet
PCA9540 Datasheet PDF - NXP Semiconductors

Part # PCA9540
Download  PCA9540 Click to download

File Size   110.04 Kbytes
Page   10 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 2-channel I2C multiplexer

PCA9540 Datasheet (HTML) - NXP Semiconductors


PCA9540 Product details

DESCRIPTION

The PCA9540 is a 1-of-2 bi-directional translating multiplexer, controlled via the I2C bus. The SCL/SDA upstream pair fans out to two SCx/SDx downstream pairs, or channels. Only one SCx/SDx channel is selected at a time, determined by the contents of the programmable control register.

The pass gates of the multiplexer are constructed such that the VDD pin can be used to limit the maximum high voltage which will be passed by the PCA9540. This allows the use of different bus voltages on each SCx/SDx pair, so that 3.3 V parts can communicate with 5 V parts without any additional protection. External pull-up resistors can pull the bus up to the desired voltage level for this channel.



FEATURES

• 1-of-2 bi-directional translating multiplexer

• Channel selection via I2C bus

• Operating supply voltage 2.5 to 3.6 V

• Operating temperature range 0°C to 70°C

• Power-up with all multiplexer channels deselected

• Low on resistance



 




Similar Part No. - PCA9540

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9540B PHILIPS-PCA9540B Datasheet
138Kb / 14P
2-channel I2C multiplexer
2004 Sep 29
PCA9540B NXP-PCA9540B Datasheet
128Kb / 22P
2-channel I2C-bus multiplexer
Rev. 04-3 September 2009
PCA9540B NXP-PCA9540B Datasheet
727Kb / 8P
Smart, simple solutions for the 12 most common design concerns
August 2011
PCA9540BD PHILIPS-PCA9540BD Datasheet
138Kb / 14P
2-channel I2C multiplexer
2004 Sep 29
PCA9540BD NXP-PCA9540BD Datasheet
128Kb / 22P
2-channel I2C-bus multiplexer
Rev. 04-3 September 2009
More results


Similar Description - PCA9540

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9542 PHILIPS-PCA9542 Datasheet
74Kb / 10P
2-channel I2C multiplexer and interrupt controller
1999 Oct 07
logo
Toshiba Semiconductor
TC7WH157FU TOSHIBA-TC7WH157FU Datasheet
206Kb / 6P
2-CHANNEL MULTIPLEXER
logo
NXP Semiconductors
PCA9540BD PHILIPS-PCA9540BD Datasheet
138Kb / 14P
2-channel I2C multiplexer
2004 Sep 29
logo
Maxim Integrated Produc...
MAX7367 MAXIM-MAX7367 Datasheet
153Kb / 19P
4-Channel I2C Switches/Multiplexer
Rev 2; 2/09
logo
NXP Semiconductors
PCA9540B NXP-PCA9540B Datasheet
128Kb / 22P
2-channel I2C-bus multiplexer
Rev. 04-3 September 2009
PCA9542A NXP-PCA9542A Datasheet
130Kb / 22P
2-channel I2C-bus multiplexer and interrupt logic
Rev. 04-15 June 2009
logo
Maxim Integrated Produc...
MAX7367 MAXIM-MAX7367_09 Datasheet
153Kb / 19P
4-Channel I2C Switches/Multiplexer
Rev 2; 2/09
logo
Pericom Semiconductor C...
PI4MSD5V9540B PERICOM-PI4MSD5V9540B Datasheet
589Kb / 12P
2 Channel I2C bus Multiplexer
PI4MSD5V9544A PERICOM-PI4MSD5V9544A Datasheet
513Kb / 12P
4 Channel I2C bus Multiplexer
PI4MSD5V9547 PERICOM-PI4MSD5V9547 Datasheet
628Kb / 13P
8 Channel I2C bus multiplexer
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com