Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9540 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCA9540
Description  2-channel I2C multiplexer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9540 Datasheet(HTML) 2 Page - NXP Semiconductors

  PCA9540 Datasheet HTML 1Page - NXP Semiconductors PCA9540 Datasheet HTML 2Page - NXP Semiconductors PCA9540 Datasheet HTML 3Page - NXP Semiconductors PCA9540 Datasheet HTML 4Page - NXP Semiconductors PCA9540 Datasheet HTML 5Page - NXP Semiconductors PCA9540 Datasheet HTML 6Page - NXP Semiconductors PCA9540 Datasheet HTML 7Page - NXP Semiconductors PCA9540 Datasheet HTML 8Page - NXP Semiconductors PCA9540 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Philips Semiconductors
Product specification
PCA9540
2-channel I2C multiplexer
2
1999 Dec 15
853–2185 22852
FEATURES
• 1-of-2 bi-directional translating multiplexer
• Channel selection via I2C bus
• Operating supply voltage 2.5 to 3.6 V
• Operating temperature range 0°C to 70°C
• Power-up with all multiplexer channels deselected
• Low on resistance
DESCRIPTION
The PCA9540 is a 1-of-2 bi-directional translating multiplexer,
controlled via the I2C bus. The SCL/SDA upstream pair fans out to
two SCx/SDx downstream pairs, or channels. Only one SCx/SDx
channel is selected at a time, determined by the contents of the
programmable control register.
The pass gates of the multiplexer are constructed such that the VDD
pin can be used to limit the maximum high voltage which will be
passed by the PCA9540. This allows the use of different bus
voltages on each SCx/SDx pair, so that 3.3 V parts can
communicate with 5 V parts without any additional protection.
External pull-up resistors can pull the bus up to the desired voltage
level for this channel.
PIN CONFIGURATION
1
2
3
45
6
7
8
SCL
SDA
VDD
SD0
SC1
SD1
SC0
VSS
SW00491
PIN DESCRIPTION
PIN
NUMBER
SYMBOL
FUNCTION
1
SCL
Serial clock line
2
SDA
Serial data line
3
VDD
Supply voltage
4
SD0
Serial data 0
5
SC0
Serial clock 0
6
VSS
Supply ground
7
SD1
Serial data 1
8
SC1
Serial clock 1
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
ORDER CODE
DRAWING NUMBER
8-Pin Plastic SO
0
°C to +70°C
PCA9540D
SOT96-1
8-Pin Plastic TSSOP
0
°C to +70°C
PCA9540PW DH
SOT505-1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com