Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9544 Datasheet (PDF) - NXP Semiconductors

PCA9544 Datasheet PDF - NXP Semiconductors
Part # PCA9544
Download  PCA9544 Download
File Size   77.18 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 4-channel I2C multiplexer and interrupt controller

PCA9544 Datasheet (PDF)

Go To PDF Page Download Datasheet
PCA9544 Datasheet PDF - NXP Semiconductors

Part # PCA9544
Download  PCA9544 Click to download

File Size   77.18 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 4-channel I2C multiplexer and interrupt controller

PCA9544 Datasheet (HTML) - NXP Semiconductors


PCA9544 Product details

DESCRIPTION

The PCA9544 is a 1-of-4 bi-directional translating multiplexer, controlled via the I2C bus. The SCL/SDA upstream pair fans out to four SCx/SDx downstream pairs, or channels. Only one SCx/SDx channel is selected at a time, determined by the contents of the programmable control register. Four interrupt inputs, one for each of the SCx/SDx downstream pair, are provided. One interrupt output,  which acts as an AND of the four interrupt inputs, is provided. All I/O pins are 5 V tolerant.



FEATURES

•1-of-4 bi-directional translating multiplexer

•Channel selection via I2C bus

•Operating supply voltage 2.5 to 3.6 V

•Operating temperature range 0°C to 70°C

•Power-up with all multiplexer channels deselected

•3 address pins, allowing up to 8 devices on the I2C bus

•Low on resistance



 




Similar Part No. - PCA9544

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9544A TI-PCA9544A Datasheet
578Kb / 23P
4-CHANNEL IC AND SMBus MULTIPLEXER WITH INTERRUPT LOGIC
logo
NXP Semiconductors
PCA9544A PHILIPS-PCA9544A Datasheet
149Kb / 18P
4-channel IC multiplexer with interrupt logic
2004 Sep 29
logo
Texas Instruments
PCA9544A TI-PCA9544A Datasheet
823Kb / 27P
4-CHANNEL I2C AND SMBus MULTIPLEXER WITH INTERRUPT LOGIC
logo
NXP Semiconductors
PCA9544A NXP-PCA9544A Datasheet
143Kb / 27P
4-channel I2C-bus multiplexer with interrupt logic
Rev. 03-24 November 2008
PCA9544A NXP-PCA9544A Datasheet
146Kb / 26P
4-channel I2C-bus multiplexer with interrupt logic
Rev. 04-15 June 2009
More results


Similar Description - PCA9544

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9542 PHILIPS-PCA9542 Datasheet
74Kb / 10P
2-channel I2C multiplexer and interrupt controller
1999 Oct 07
PCA9545 PHILIPS-PCA9545 Datasheet
118Kb / 14P
4-channel I2C switch with interrupt logic and reset
2002 Mar 28
PCA9545APW PHILIPS-PCA9545APW Datasheet
155Kb / 27P
4-channel I2C switch with interrupt logic and reset
Rev. 03-3 March 2005
logo
Texas Instruments
PCA9544A TI-PCA9544A Datasheet
578Kb / 23P
4-CHANNEL IC AND SMBus MULTIPLEXER WITH INTERRUPT LOGIC
PCA9544A TI-PCA9544A_07 Datasheet
823Kb / 27P
4-CHANNEL I2C AND SMBus MULTIPLEXER WITH INTERRUPT LOGIC
logo
NXP Semiconductors
PCA9544A NXP-PCA9544A Datasheet
143Kb / 27P
4-channel I2C-bus multiplexer with interrupt logic
Rev. 03-24 November 2008
PCA9542A NXP-PCA9542A Datasheet
130Kb / 22P
2-channel I2C-bus multiplexer and interrupt logic
Rev. 04-15 June 2009
PCA9544A NXP-PCA9544A_09 Datasheet
146Kb / 26P
4-channel I2C-bus multiplexer with interrupt logic
Rev. 04-15 June 2009
PCA9544ABS-T NXP-PCA9544ABS-T Datasheet
146Kb / 26P
4-channel I2C-bus multiplexer with interrupt logic
Rev. 04-15 June 2009
logo
Texas Instruments
TCA9544A TI1-TCA9544A Datasheet
892Kb / 29P
Low Voltage 4-Channel I2C and SMBus Multiplexer With Interrupt Logic
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com