Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9544 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PCA9544
Description  4-channel I2C multiplexer and interrupt controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9544 Datasheet(HTML) 4 Page - NXP Semiconductors

  PCA9544 Datasheet HTML 1Page - NXP Semiconductors PCA9544 Datasheet HTML 2Page - NXP Semiconductors PCA9544 Datasheet HTML 3Page - NXP Semiconductors PCA9544 Datasheet HTML 4Page - NXP Semiconductors PCA9544 Datasheet HTML 5Page - NXP Semiconductors PCA9544 Datasheet HTML 6Page - NXP Semiconductors PCA9544 Datasheet HTML 7Page - NXP Semiconductors PCA9544 Datasheet HTML 8Page - NXP Semiconductors PCA9544 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Philips Semiconductors
Product specification
PCA9544
4-channel I2C multiplexer and interrupt controller
1999 Oct 07
4
CHANNEL SELECTION
A SC0x/SD0x downstream pair, or channel, is selected by the
contents of the control register. This register is written after the
PCA9544 has been addressed. The 3 LSBs of the control byte are
used to determine which channel is to be selected. When a channel
is selected, the channel will become active after a stop condition has
been placed on the I2C bus. This ensures that all SCx/SDx lines will
be in a HIGH state when the channel is made active, so that no
false conditions are generated at the time of connection.
CONTROL BYTE
SELECTED
7
6
5
4
3
2
1
0
CHANNEL
X
X
X
X
X
0
X
X
none
X
X
X
X
X
1
0
0
0 (SC0/SD0)
X
X
X
X
X
1
0
1
1 (SC1/SD1)
X
X
X
X
X
1
1
0
2 (SC2/SD2)
X
X
X
X
X
1
1
1
3 (SC3/SD3)
CONTROL REGISTER
INT2 INT1 INT0
B2
B1
B0
Channel select bits
Interrupt bits
INT3
SW00386
X
(read only)
(read/write)
6
5
4
2
1
0
7
3
POWER-ON RESET
During power-up, the control register defaults to all zeroes causing
all the channels to be deselected.
INTERRUPT HANDLING
The PCA9544 provides 4 interrupt inputs, one for each channel and
one open drain interrupt output. When an interrupt is generated by any
device, it will be detected by the PCA9544 and the interrupt output
will be driven LOW. The channel need not be active for detection of
the interrupt. A bit is also set in the control byte. Bits 4 – 7 of the
control byte correspond to channels 0 – 3 of the PCA9544,
respectively. Therefore, if an interrupt is generated by any device
connected to channel 2, then bit 6 will be set in the control register.
Likewise, an interrupt on any device connected to channel 3 would
cause bit 7 of the control register to be set. The master can then
address the PCA 9544 and read the contents of the control byte to
determine which channel contains the device generating the interrupt.
The master can then reconfigure the PCA9544 to select this
channel, and locate the device generating the interrupt and clear it.
The interrupt clears when the device originating the interrupt clears.
It should be noted that more than one device can be providing an
interrupt on a channel, so it is up to the master to ensure that all
devices on a channel are interrogated for an interrupt.
7
6
5
4
3
2
1
0
INTERRUPTING
CHANNEL
0
0
0
1
X
X
X
X
0 (SC0/SD0)
0
0
1
0
X
X
X
X
1 (SC1/SD1)
0
1
0
0
X
X
X
X
2 (SC2/SD2)
1
0
0
0
X
X
X
X
3 (SC3/SD3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com