Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9544 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCA9544
Description  4-channel I2C multiplexer and interrupt controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9544 Datasheet(HTML) 2 Page - NXP Semiconductors

  PCA9544 Datasheet HTML 1Page - NXP Semiconductors PCA9544 Datasheet HTML 2Page - NXP Semiconductors PCA9544 Datasheet HTML 3Page - NXP Semiconductors PCA9544 Datasheet HTML 4Page - NXP Semiconductors PCA9544 Datasheet HTML 5Page - NXP Semiconductors PCA9544 Datasheet HTML 6Page - NXP Semiconductors PCA9544 Datasheet HTML 7Page - NXP Semiconductors PCA9544 Datasheet HTML 8Page - NXP Semiconductors PCA9544 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Philips Semiconductors
Product specification
PCA9544
4-channel I2C multiplexer and interrupt controller
2
1999 Oct 07
853–2178 22487
FEATURES
• 1-of-4 bi-directional translating multiplexer
• Channel selection via I2C bus
• Operating supply voltage 2.5 to 3.6 V
• Operating temperature range 0°C to 70°C
• Power-up with all multiplexer channels deselected
• 3 address pins, allowing up to 8 devices on the I2C bus
• Low on resistance
DESCRIPTION
The PCA9544 is a 1-of-4 bi-directional translating multiplexer,
controlled via the I2C bus. The SCL/SDA upstream pair fans out to
four SCx/SDx downstream pairs, or channels. Only one SCx/SDx
channel is selected at a time, determined by the contents of the
programmable control register. Four interrupt inputs, one for each of
the SCx/SDx downstream pair, are provided. One interrupt output,
which acts as an AND of the four interrupt inputs, is provided. All I/O
pins are 5 V tolerant.
The pass gates of the multiplexer are constructed such that the VDD
pin can be used to limit the maximum high voltage which will be
passed by the PCA9544. This allows the use of different bus
voltages on each SCx/SDx pair, so that 3.3 V parts can
communicate with 5 V parts without any additional protection.
External pull-up resistors can pull the bus up to the desired voltage
level for this channel.
PIN CONFIGURATION
A0
A1
A2
INT0
SD1
VDD
SDA
SCL
1
20
2
19
3
18
4
17
5
16
6
15
7
14
8
13
SD0
SC0
INT1
INT
SC3
SD3
INT3
SC2
9
12
10
11
SC1
VSS
SD2
INT2
SW00373
PIN DESCRIPTION
PIN
NUMBER
SYMBOL
FUNCTION
1
A0
Address input 0
2
A1
Address input 1
3
A2
Address input 2
4
INT0
Interrupt input 0
5
SD0
Serial data 0
6
SC0
Serial clock 0
7
INT1
Interrupt input 1
8
SD1
Serial data 1
9
SC1
Serial clock 1
10
VSS
Supply ground
11
INT2
Interrupt input 2
12
SD2
Serial data 2
13
SC2
Serial clock 2
14
INT3
Interrupt input 3
15
SD3
Serial data 3
16
SC3
Serial clock 3
17
INT
Interrupt output
18
SCL
Serial clock line
19
SDA
Serial data line
20
VDD
Supply voltage
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
ORDER CODE
DRAWING NUMBER
20-Pin Plastic TSSOP
0
°C to +70°C
PCA9544 PW DH
SOT360-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com