Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL7155 Datasheet (PDF) - Renesas Technology Corp

EL7155 Datasheet PDF - Renesas Technology Corp
Part # EL7155
Download  EL7155 Download
File Size   524.69 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description High Performance Pin Driver

EL7155 Datasheet (PDF)

Go To PDF Page Download Datasheet
EL7155 Datasheet PDF - Renesas Technology Corp

Part # EL7155
Download  EL7155 Click to download

File Size   524.69 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description High Performance Pin Driver

EL7155 Datasheet (HTML) - Renesas Technology Corp


EL7155 Product details

The EL7155 high performance pin driver with 3-state is suited to many ATE and level-shifting applications. The 3.5A peak drive capability makes this part an excellent choice when driving high capacitance loads.

Features
• Clocking speeds up to 40MHz
• 15ns tr/tf at 2000pF CLOAD
• 0.5ns rise and fall times mismatch
• 0.5ns tON-tOFF prop delay mismatch
• 3.5pF typical input capacitance
• 3.5A peak drive
• Low ON-resistance of 3.5Ω
• High capacitive drive capability
• Operates from 4.5V up to 16.5V
• Pb-free (RoHS compliant)

Applications
• ATE/burn-in testers
• Level shifting
• IGBT drivers
• CCD drivers




Similar Part No. - EL7155

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7155 INTERSIL-EL7155 Datasheet
477Kb / 10P
High Performance Pin Driver
March 9, 2006
EL7155 INTERSIL-EL7155 Datasheet
367Kb / 10P
High Performance Pin Driver
October 24, 2014
EL7155CN INTERSIL-EL7155CN Datasheet
477Kb / 10P
High Performance Pin Driver
March 9, 2006
EL7155CS INTERSIL-EL7155CS Datasheet
477Kb / 10P
High Performance Pin Driver
March 9, 2006
EL7155CS-T13 INTERSIL-EL7155CS-T13 Datasheet
477Kb / 10P
High Performance Pin Driver
March 9, 2006
More results


Similar Description - EL7155

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
1A354 MITEL-1A354 Datasheet
46Kb / 2P
High-Performance PIN
logo
Zarlink Semiconductor I...
MF446 ZARLINK-MF446 Datasheet
402Kb / 4P
High-Performance PIN
MF432 ZARLINK-MF432 Datasheet
158Kb / 3P
High Performance PIN
logo
Intersil Corporation
EL7155 INTERSIL-EL7155_06 Datasheet
477Kb / 10P
High Performance Pin Driver
March 9, 2006
EL7156 INTERSIL-EL7156_05 Datasheet
1Mb / 10P
High Performance Pin Driver
November 3, 2005
EL7156 INTERSIL-EL7156 Datasheet
232Kb / 10P
High Performance Pin Driver
EL7155CSZ INTERSIL-EL7155CSZ Datasheet
367Kb / 10P
High Performance Pin Driver
October 24, 2014
EL7156CNZ INTERSIL-EL7156CNZ Datasheet
294Kb / 11P
High Performance Pin Driver
September 1, 2015
EL7156CNZ INTERSIL-EL7156CNZ Datasheet
294Kb / 11P
High Performance Pin Driver
September 1, 2015
logo
Renesas Technology Corp
EL7156 RENESAS-EL7156 Datasheet
555Kb / 11P
High Performance Pin Driver
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com