Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL7156 Datasheet (PDF) - Intersil Corporation

EL7156 Datasheet PDF - Intersil Corporation
Part # EL7156
Download  EL7156 Download
File Size   232.03 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description High Performance Pin Driver

EL7156 Datasheet (PDF)

Go To PDF Page Download Datasheet
EL7156 Datasheet PDF - Intersil Corporation

Part # EL7156
Download  EL7156 Click to download

File Size   232.03 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description High Performance Pin Driver

EL7156 Datasheet (HTML) - Intersil Corporation


EL7156 Product details

High Performance Pin Driver



The EL7156 high performance pin driver with three-state is suited to many ATE and level-shifting applications. The 3.5A peak drive capability makes this part an excellent choice when driving high capacitance loads.



Features

• Clocking speeds up to 40MHz

• 15ns tR/tFat 2000pF CLOAD

• 0.5ns rise and fall times mismatch

• 0.5ns tON-tOFFprop delay mismatch

• 3.5pF typical input capacitance

• 3.5A peak drive

• Low ON-resistance of 3.5Ω

• High capacitive drive capability

• Operates from 4.5V to 16.5V

• Pb-free plus anneal available (RoHS compliant)



Applications

• ATE/burn-in testers

• Level shifting

• IGBT drivers

• CCD drivers




Similar Part No. - EL7156

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL7156 RENESAS-EL7156 Datasheet
555Kb / 11P
High Performance Pin Driver
logo
Intersil Corporation
EL7156 INTERSIL-EL7156 Datasheet
294Kb / 11P
High Performance Pin Driver
September 1, 2015
EL7156 INTERSIL-EL7156 Datasheet
294Kb / 11P
High Performance Pin Driver
September 1, 2015
EL7156CN INTERSIL-EL7156CN Datasheet
1Mb / 10P
High Performance Pin Driver
November 3, 2005
EL7156CNZ INTERSIL-EL7156CNZ Datasheet
1Mb / 10P
High Performance Pin Driver
November 3, 2005
More results


Similar Description - EL7156

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
1A354 MITEL-1A354 Datasheet
46Kb / 2P
High-Performance PIN
logo
Zarlink Semiconductor I...
MF446 ZARLINK-MF446 Datasheet
402Kb / 4P
High-Performance PIN
MF432 ZARLINK-MF432 Datasheet
158Kb / 3P
High Performance PIN
logo
Intersil Corporation
EL7155 INTERSIL-EL7155_06 Datasheet
477Kb / 10P
High Performance Pin Driver
March 9, 2006
EL7156 INTERSIL-EL7156_05 Datasheet
1Mb / 10P
High Performance Pin Driver
November 3, 2005
EL7155CSZ INTERSIL-EL7155CSZ Datasheet
367Kb / 10P
High Performance Pin Driver
October 24, 2014
EL7156CNZ INTERSIL-EL7156CNZ Datasheet
294Kb / 11P
High Performance Pin Driver
September 1, 2015
EL7156CNZ INTERSIL-EL7156CNZ Datasheet
294Kb / 11P
High Performance Pin Driver
September 1, 2015
logo
Renesas Technology Corp
EL7155 RENESAS-EL7155 Datasheet
524Kb / 10P
High Performance Pin Driver
EL7156 RENESAS-EL7156 Datasheet
555Kb / 11P
High Performance Pin Driver
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com