Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL7531 Datasheet (PDF) - Renesas Technology Corp

EL7531 Datasheet PDF - Renesas Technology Corp
Part # EL7531
Download  EL7531 Download
File Size   682.79 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Monolithic 1A Step-Down Regulator with Low Quiescent Current

EL7531 Datasheet (PDF)

Go To PDF Page Download Datasheet
EL7531 Datasheet PDF - Renesas Technology Corp

Part # EL7531
Download  EL7531 Click to download

File Size   682.79 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Monolithic 1A Step-Down Regulator with Low Quiescent Current

EL7531 Datasheet (HTML) - Renesas Technology Corp


EL7531 Product details

Monolithic 1A Step-Down Regulator with Low Quiescent Current

The EL7531 is a synchronous, integrated FET 1A step-down regulator with internal compensation. It operates with an input voltage range from 2.5V to 5.5V, which accommodates supplies of 3.3V, 5V, or a Li-Ion battery source. The output can be externally set from 0.8V to VIN with a resistive divider.

Features
• Less than 0.15 in2 (0.97 cm2) footprint for the complete 1A converter
• Components on one side of PCB
• Max height 1.1mm MSOP10
• Power-Good (PG) output
• Internally-compensated voltage mode controller
• Up to 94% efficiency
• <1µA shut-down current
• 120µA quiescent current
• Overcurrent and over-temperature protection
• External synchronizable up to 12MHz
• Pb-Free plus anneal available (RoHS compliant)

Applications
• PDA and pocket PC computers
• Bar code readers
• Cellular phones
• Portable test equipment
• Li-Ion battery powered devices
• Small form factor (SFP) modules




Similar Part No. - EL7531

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7531 INTERSIL-EL7531 Datasheet
492Kb / 10P
Monolithic 1A Step-Down Regulator with Low Quiescent Current
August 5, 2005
EL7531 INTERSIL-EL7531 Datasheet
344Kb / 11P
Monolithic 1A Step-Down Regulator with Low Quiescent Current
July 13, 2006
EL7531IY INTERSIL-EL7531IY Datasheet
492Kb / 10P
Monolithic 1A Step-Down Regulator with Low Quiescent Current
August 5, 2005
EL7531IY INTERSIL-EL7531IY Datasheet
344Kb / 11P
Monolithic 1A Step-Down Regulator with Low Quiescent Current
July 13, 2006
EL7531IY-T13 INTERSIL-EL7531IY-T13 Datasheet
492Kb / 10P
Monolithic 1A Step-Down Regulator with Low Quiescent Current
August 5, 2005
More results


Similar Description - EL7531

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7531 INTERSIL-EL7531 Datasheet
492Kb / 10P
Monolithic 1A Step-Down Regulator with Low Quiescent Current
August 5, 2005
EL7530 INTERSIL-EL7530 Datasheet
476Kb / 11P
Monolithic 600mA Step-Down Regulator with Low Quiescent Current
August 10, 2005
ISL8010 INTERSIL-ISL8010 Datasheet
543Kb / 12P
Monolithic 600mA Step-Down Regulator with Low Quiescent Current
September 27, 2005
ISL97536 INTERSIL-ISL97536 Datasheet
258Kb / 9P
Monolithic 1A Step-Down Regulator with Low Quiescent Current
October 5, 2006
EL7531 INTERSIL-EL7531_06 Datasheet
344Kb / 11P
Monolithic 1A Step-Down Regulator with Low Quiescent Current
July 13, 2006
EL7530 INTERSIL-EL7530_06 Datasheet
323Kb / 11P
Monolithic 600mA Step-Down Regulator with Low Quiescent Current
July 12, 2006
ISL97536 INTERSIL-ISL97536_07 Datasheet
230Kb / 8P
Monolithic 1A Step-Down Regulator with Low Quiescent Current
logo
Renesas Technology Corp
EL7530 RENESAS-EL7530 Datasheet
638Kb / 11P
Monolithic 600mA Step-Down Regulator with Low Quiescent Current
ISL8010 RENESAS-ISL8010 Datasheet
699Kb / 11P
Monolithic 600mA Step-Down Regulator with Low Quiescent Current
ISL97536 RENESAS-ISL97536 Datasheet
499Kb / 8P
Monolithic 1A Step-Down Regulator with Low Quiescent Current
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com