Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL8010 Datasheet (PDF) - Renesas Technology Corp

ISL8010 Datasheet PDF - Renesas Technology Corp
Part # ISL8010
Download  ISL8010 Download
File Size   699.96 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Monolithic 600mA Step-Down Regulator with Low Quiescent Current

ISL8010 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL8010 Datasheet PDF - Renesas Technology Corp

Part # ISL8010
Download  ISL8010 Click to download

File Size   699.96 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Monolithic 600mA Step-Down Regulator with Low Quiescent Current

ISL8010 Datasheet (HTML) - Renesas Technology Corp


ISL8010 Product details

Monolithic 600mA Step-Down Regulator with Low Quiescent Current

The ISL8010 is a synchronous, integrated FET 600mA step-down regulator with internal compensation. It operates with an input voltage range from 2.5V to 5.5V, which accommodates supplies of 3.3V, 5V, or a Li-Ion battery source. The output can be externally set from 0.8V to VIN with a resistive divider.

Features
• Less than 0.18in2 footprint for the complete 600mA converter
• Components on one side of PCB
• Max height 1.1mm 10 Ld MSOP
• Power-Good (PG) output
• Internally-compensated voltage mode controller
• Up to 95% efficiency
• <1µA shutdown current
• 120µA quiescent current
• Hiccup mode overcurrent and over-temperature protection
• Externally synchronizable up to 12MHz
• Pb-free available (RoHS compliant)

Applications
• PDA and pocket PC computers
• Bar code readers
• Cellular phones
• Portable test equipment
• Li-Ion battery powered devices
• Small form factor (SFP) modules




Similar Part No. - ISL8010

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8010 INTERSIL-ISL8010 Datasheet
543Kb / 12P
Monolithic 600mA Step-Down Regulator with Low Quiescent Current
September 27, 2005
ISL80101 INTERSIL-ISL80101 Datasheet
493Kb / 11P
1A Ultra Low Dropout Linear Regulator
ISL80101 INTERSIL-ISL80101 Datasheet
544Kb / 15P
High Performance 1A LDO
ISL80101 INTERSIL-ISL80101 Datasheet
570Kb / 12P
High Performance 1A Linear Regulator with Programmable Current Limiting
February 24, 2011
ISL80101 INTERSIL-ISL80101 Datasheet
583Kb / 11P
High Performance 1A LDO
August 31, 2011
More results


Similar Description - ISL8010

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7531 INTERSIL-EL7531 Datasheet
492Kb / 10P
Monolithic 1A Step-Down Regulator with Low Quiescent Current
August 5, 2005
EL7530 INTERSIL-EL7530 Datasheet
476Kb / 11P
Monolithic 600mA Step-Down Regulator with Low Quiescent Current
August 10, 2005
ISL8010 INTERSIL-ISL8010 Datasheet
543Kb / 12P
Monolithic 600mA Step-Down Regulator with Low Quiescent Current
September 27, 2005
ISL8010 INTERSIL-ISL8010_06 Datasheet
377Kb / 11P
Monolithic 600mA Step-Down Regulator with Low Quiescent Current
July 12, 2006
ISL97536 INTERSIL-ISL97536 Datasheet
258Kb / 9P
Monolithic 1A Step-Down Regulator with Low Quiescent Current
October 5, 2006
EL7531 INTERSIL-EL7531_06 Datasheet
344Kb / 11P
Monolithic 1A Step-Down Regulator with Low Quiescent Current
July 13, 2006
EL7530 INTERSIL-EL7530_06 Datasheet
323Kb / 11P
Monolithic 600mA Step-Down Regulator with Low Quiescent Current
July 12, 2006
ISL97536 INTERSIL-ISL97536_07 Datasheet
230Kb / 8P
Monolithic 1A Step-Down Regulator with Low Quiescent Current
logo
Renesas Technology Corp
EL7530 RENESAS-EL7530 Datasheet
638Kb / 11P
Monolithic 600mA Step-Down Regulator with Low Quiescent Current
EL7531 RENESAS-EL7531 Datasheet
682Kb / 12P
Monolithic 1A Step-Down Regulator with Low Quiescent Current
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com