Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL7536 Datasheet (PDF) - Renesas Technology Corp

EL7536 Datasheet PDF - Renesas Technology Corp
Part # EL7536
Download  EL7536 Download
File Size   488.55 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Monolithic 1A Step-Down Regulator

EL7536 Datasheet (PDF)

Go To PDF Page Download Datasheet
EL7536 Datasheet PDF - Renesas Technology Corp

Part # EL7536
Download  EL7536 Click to download

File Size   488.55 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Monolithic 1A Step-Down Regulator

EL7536 Datasheet (HTML) - Renesas Technology Corp


EL7536 Product details

Monolithic 1A Step-Down Regulator

The EL7536 is a synchronous, integrated FET 1A step-down regulator with internal compensation. It operates with an input voltage range from 2.5V to 5.5V, which accommodates supplies of 3.3V, 5V, or a Li-Ion battery source. The output can be externally set from 0.8V to VIN with a resistive divider.

Features
• Less than 0.15in2 (0.97cm2) footprint for the complete 1A converter
• Components on one side of PCB
• Max height 1.1mm MSOP10
• 100ms Power-On-Reset output (POR)
• Internally-compensated voltage mode controller
• Up to 94% efficiency
• <1µA shut-down current
• Overcurrent and over-temperature protection
• Pb-free plus anneal available (RoHS compliant)

Applications
• PDA and pocket PC computers
• Bar code readers
• Cellular phones
• Portable test equipment
• Li-Ion battery powered devices
• Small form factor (SFP) modules




Similar Part No. - EL7536

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7536 INTERSIL-EL7536 Datasheet
430Kb / 8P
Monolithic 1A Step-Down Regulator
August 10, 2005
EL7536IY INTERSIL-EL7536IY Datasheet
430Kb / 8P
Monolithic 1A Step-Down Regulator
August 10, 2005
EL7536IY INTERSIL-EL7536IY Datasheet
186Kb / 9P
Monolithic 1A Step-Down Regulator
July 13, 2006
EL7536IY-T13 INTERSIL-EL7536IY-T13 Datasheet
430Kb / 8P
Monolithic 1A Step-Down Regulator
August 10, 2005
EL7536IY-T13 INTERSIL-EL7536IY-T13 Datasheet
186Kb / 9P
Monolithic 1A Step-Down Regulator
July 13, 2006
More results


Similar Description - EL7536

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4976 STMICROELECTRONICS-L4976 Datasheet
100Kb / 11P
1A STEP DOWN SWITCHING REGULATOR
May-2000
logo
Intersil Corporation
EL7531 INTERSIL-EL7531 Datasheet
492Kb / 10P
Monolithic 1A Step-Down Regulator with Low Quiescent Current
August 5, 2005
EL7536 INTERSIL-EL7536 Datasheet
430Kb / 8P
Monolithic 1A Step-Down Regulator
August 10, 2005
EL7536 INTERSIL-EL7536_06 Datasheet
186Kb / 9P
Monolithic 1A Step-Down Regulator
July 13, 2006
ISL97536 INTERSIL-ISL97536 Datasheet
258Kb / 9P
Monolithic 1A Step-Down Regulator with Low Quiescent Current
October 5, 2006
EL7531 INTERSIL-EL7531_06 Datasheet
344Kb / 11P
Monolithic 1A Step-Down Regulator with Low Quiescent Current
July 13, 2006
ISL97536 INTERSIL-ISL97536_07 Datasheet
230Kb / 8P
Monolithic 1A Step-Down Regulator with Low Quiescent Current
logo
Linear Technology
LTC3637 LINER-LTC3637_15 Datasheet
357Kb / 26P
76V, 1A Step-Down Regulator
logo
Renesas Technology Corp
EL7531 RENESAS-EL7531 Datasheet
682Kb / 12P
Monolithic 1A Step-Down Regulator with Low Quiescent Current
ISL97536 RENESAS-ISL97536 Datasheet
499Kb / 8P
Monolithic 1A Step-Down Regulator with Low Quiescent Current
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com