Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACPL-K44T Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

ACPL-K44T Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # ACPL-K44T
Download  ACPL-K44T Download
File Size   59.58 Kbytes
Page   2 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Automotive Wide Operating Temperature 1 MBd Digital Optocoupler in a Stretched 8-Pin Surface Mount Plastic Package

ACPL-K44T Datasheet (PDF)

Go To PDF Page Download Datasheet
ACPL-K44T Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-K44T
Download  ACPL-K44T Click to download

File Size   59.58 Kbytes
Page   2 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Automotive Wide Operating Temperature 1 MBd Digital Optocoupler in a Stretched 8-Pin Surface Mount Plastic Package

ACPL-K44T Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED


ACPL-K44T Product details

Description
The ACPL-K43T is a single channel, high temperature, high CMR, high speed digital optocoupler in an eight lead miniature footprint specifcally used in the automotive applications. The ACPL-K44T is a dual channel equivalent of the ACPL-K43T. Both products are available in the stretched SO-8 package outline, designed to be compatible with standard surface mount processes.

Features
• High Temperature and Reliability low speed digital interface for Automotive Application
• Ultra low drive for status feedback at IF = 0.8 mA or 1.5 mA
• 30 kV/μs (Typ) High Common-Mode Rejection at VCM = 1500 V
• Compact, Auto-Insertable Stretched SO8 Packages
• Qualifed to AEC Q100 Grade 1 Test Guidelines
• Wide Operating Temperature Range: -40° C to +125° C
• High Speed: 1 MBd
• Low Propagation Delay: 1 μs max. at IF = 10 mA
• Worldwide Safety Approval:
    – UL 1577 approval, 5 kVRMS/1 min.
    – CSA Approval
    – IEC/EN/DIN EN 60747-5-5

Applications
• Automotive IPM Driver for DC-DC converters and motor inverters
• Status Feedback and Wake-Up Signal Isolation
• CANBus and SPI Communications Interface
• High Temperature Digital/Analog Signal Isolation




Similar Part No. - ACPL-K44T

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPL-K44T BOARDCOM-ACPL-K44T Datasheet
59Kb / 2P
Automotive Wide Operating Temperature 1 MBd Digital Optocoupler in a Stretched 8-Pin Surface Mount Plastic Package
ACPL-K44T BOARDCOM-ACPL-K44T Datasheet
924Kb / 16P
Automotive R2Coupler™ Wide Operating Temperature 1-MBd Digital Optocoupler in a Stretched 8-Pin Surface-Mount Plastic Package
September 26, 2018
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-K44T-000E AVAGO-ACPL-K44T-000E Datasheet
127Kb / 11P
Automotive R2CouplerTM Wide Operating Temperature
logo
Broadcom Corporation.
ACPL-K44T-000E BOARDCOM-ACPL-K44T-000E Datasheet
924Kb / 16P
Automotive R2Coupler™ Wide Operating Temperature 1-MBd Digital Optocoupler in a Stretched 8-Pin Surface-Mount Plastic Package
September 26, 2018
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-K44T-060E AVAGO-ACPL-K44T-060E Datasheet
127Kb / 11P
Automotive R2CouplerTM Wide Operating Temperature
More results


Similar Description - ACPL-K44T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH6720T VISHAY-SFH6720T_07 Datasheet
161Kb / 11P
High Speed Optocoupler, 5 MBd, in SOIC-8 Package
19-Apr-07
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M43T AVAGO-ACPL-M43T Datasheet
301Kb / 9P
Automotive Wide Operating Temperature 1MBd Digital Optocoupler in a 5-Pin Surface Mount Plastic Package
ACPL-M43T-500E AVAGO-ACPL-M43T-500E Datasheet
136Kb / 9P
Wide Operating Temperature Automotive Digital Optocoupler
logo
Broadcom Corporation.
ACFL-5211T-000E BOARDCOM-ACFL-5211T-000E Datasheet
312Kb / 12P
Automotive R2CouplerTM Wide Operating Temperature 1MBd Digital Optocoupler in a Stretched 12-Pin Surface Mount Plastic Package
ACFL-6211T-000E BOARDCOM-ACFL-6211T-000E Datasheet
477Kb / 13P
Automotive High-Speed, Low-Power Digital Optocoupler with R2Coupler짰 Isolation in a Stretched 12-Pin Surface Mount Plastic Package
ACFL-6212T-000E BOARDCOM-ACFL-6212T-000E Datasheet
477Kb / 13P
Automotive High-Speed, Low-Power Digital Optocoupler with R2Coupler짰 Isolation in a Stretched 12-Pin Surface Mount Plastic Package
ACNT-H50L BOARDCOM-ACNT-H50L Datasheet
644Kb / 11P
1-MBd Optocoupler in 15-mm Stretched SO8 Package
ACPL-054L BOARDCOM-ACPL-054L Datasheet
835Kb / 18P
Low Power, 1 MBd Digital Optocoupler
ACPL-M50L BOARDCOM-ACPL-M50L Datasheet
835Kb / 18P
Low Power, 1 MBd Digital Optocoupler
ACPL-K44T BOARDCOM-ACPL-K44T Datasheet
59Kb / 2P
Automotive Wide Operating Temperature 1 MBd Digital Optocoupler in a Stretched 8-Pin Surface Mount Plastic Package
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com