Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICM7218 Datasheet (PDF) - Renesas Technology Corp

ICM7218 Datasheet PDF - Renesas Technology Corp
Part # ICM7218
Download  ICM7218 Download
File Size   676.99 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 8-Digit LED Microprocessor-Compatible Multiplexed Display Decoder Driver

ICM7218 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICM7218 Datasheet PDF - Renesas Technology Corp

Part # ICM7218
Download  ICM7218 Click to download

File Size   676.99 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 8-Digit LED Microprocessor-Compatible Multiplexed Display Decoder Driver

ICM7218 Datasheet (HTML) - Renesas Technology Corp


ICM7218 Product details

8-Digit LED Microprocessor-Compatible Multiplexed Display Decoder Driver

The ICM7218 series of universal LED driver systems provide, in a single package, all the circuitry necessary to interface most common microprocessors or digital systems to an LED display. Included on-chip are an 8-byte static display memory, two types of 7-segment decoders, multiplex scan circuitry, and high current digit and segment drivers for either common cathode or common anode displays.

Features
• Microprocessor compatible
• Total circuit integration on-chip includes:
    - Digit and segment drivers
    - All multiplex scan circuitry
    - 8-Byte static display memory
    - 7-Segment Hexadecimal and Code B decoders
• Output drive suitable for LED displays directly
• Common anode and common cathode versions
• Single 5V supply required
• Data retention to 2V Supply
• Shutdown feature - turns off display and puts chip into low power dissipation mode
• Sequential and random access versions
• Decimal point drive on each digit




Similar Part No. - ICM7218

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
ICM7218 MAXIM-ICM7218 Datasheet
460Kb / 12P
8 Digit LED Display Driver
logo
Intersil Corporation
ICM7218 INTERSIL-ICM7218 Datasheet
252Kb / 11P
8-Digit LED Microprocessor-Compatible Multiplexed Display Decoder Driver
February 15, 2007
ICM7218 INTERSIL-ICM7218 Datasheet
4Mb / 122P
P-CHANNEL JFET
ICM7218 INTERSIL-ICM7218 Datasheet
4Mb / 162P
TIMERS COUNTERS AND DISPLAY DRIVERS
ICM7218 INTERSIL-ICM7218 Datasheet
336Kb / 11P
8-Digit LED Microprocessor-Compatible Multiplexed Display Decoder Driver
September 15, 2015
More results


Similar Description - ICM7218

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICM7228 INTERSIL-ICM7228 Datasheet
99Kb / 17P
8-Digit, Microprocessor- Compatible, LED Display Decoder Driver
August 1997
ICM7218 INTERSIL-ICM7218 Datasheet
252Kb / 11P
8-Digit LED Microprocessor-Compatible Multiplexed Display Decoder Driver
February 15, 2007
ICM7228 INTERSIL-ICM7228_05 Datasheet
302Kb / 18P
8-Digit, Microprocessor-Compatible, LED Display Decoder Driver
December 6, 2005
ICM7243 INTERSIL-ICM7243_05 Datasheet
540Kb / 14P
8-Character, Microprocessor-Compatible, LED Display Decoder Driver
October 28, 2005
ICM7243BIPLZ INTERSIL-ICM7243BIPLZ Datasheet
604Kb / 16P
8-Character, Microprocessor-Compatible, LED Display Decoder Driver
ICM7218AIJI INTERSIL-ICM7218AIJI Datasheet
336Kb / 11P
8-Digit LED Microprocessor-Compatible Multiplexed Display Decoder Driver
September 15, 2015
ICM7228AIBI INTERSIL-ICM7228AIBI Datasheet
400Kb / 19P
8-Digit, Microprocessor-Compatible, LED Display Decoder Driver
August 19, 2015
logo
Renesas Technology Corp
ICM7228 RENESAS-ICM7228 Datasheet
809Kb / 19P
8-Digit, Microprocessor-Compatible, LED Display Decoder Driver
ICM7243 RENESAS-ICM7243 Datasheet
781Kb / 17P
8-Character, Microprocessor-Compatible, LED Display Decoder Driver
ICM7244 RENESAS-ICM7244 Datasheet
657Kb / 14P
8-Character, Microprocessor Compatible, LED Display Decoder Driver
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com