Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICM7218 Datasheet (PDF) - Intersil Corporation

ICM7218 Datasheet PDF - Intersil Corporation
Part # ICM7218
Download  ICM7218 Download
File Size   252.53 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 8-Digit LED Microprocessor-Compatible Multiplexed Display Decoder Driver

ICM7218 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICM7218 Datasheet PDF - Intersil Corporation

Part # ICM7218
Download  ICM7218 Click to download

File Size   252.53 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 8-Digit LED Microprocessor-Compatible Multiplexed Display Decoder Driver

ICM7218 Datasheet (HTML) - Intersil Corporation


ICM7218 Product details

8-Digit LED Microprocessor-Compatible Multiplexed Display Decoder Driver

The ICM7218 series of universal LED driver systems provide, in a single package, all the circuitry necessary to interface most common microprocessors or digital systems to an LED display. Included on chip are an 8-byte static display memory, two types of 7-segment decoders, multiplex scan circuitry, and high current digit and segment drivers for either common-cathode or common-anode displays.

Features
• Microprocessor Compatible
• Total Circuit Integration On Chip Includes:
    - Digit and Segment Drivers
    - All Multiplex Scan Circuitry
    - 8-Byte Static Display Memory
    - 7-Segment Hexadecimal and Code B Decoders
• Output Drive Suitable for LED Displays Directly
• Common Anode and Common Cathode Versions
• Single 5V Supply Required
• Data Retention to 2V Supply
• Shutdown Feature - Turns Off Display and Puts Chip Into Low Power Dissipation Mode
• Sequential and Random Access Versions
• Decimal Point Drive On Each Digit




Similar Part No. - ICM7218

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
ICM7218 MAXIM-ICM7218 Datasheet
460Kb / 12P
8 Digit LED Display Driver
logo
Intersil Corporation
ICM7218 INTERSIL-ICM7218 Datasheet
4Mb / 122P
P-CHANNEL JFET
ICM7218 INTERSIL-ICM7218 Datasheet
4Mb / 162P
TIMERS COUNTERS AND DISPLAY DRIVERS
logo
Renesas Technology Corp
ICM7218 RENESAS-ICM7218 Datasheet
676Kb / 14P
8-Digit LED Microprocessor-Compatible Multiplexed Display Decoder Driver
logo
Intersil Corporation
ICM7218 INTERSIL-ICM7218 Datasheet
336Kb / 11P
8-Digit LED Microprocessor-Compatible Multiplexed Display Decoder Driver
September 15, 2015
More results


Similar Description - ICM7218

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICM7228 INTERSIL-ICM7228 Datasheet
99Kb / 17P
8-Digit, Microprocessor- Compatible, LED Display Decoder Driver
August 1997
ICM7228 INTERSIL-ICM7228_05 Datasheet
302Kb / 18P
8-Digit, Microprocessor-Compatible, LED Display Decoder Driver
December 6, 2005
ICM7243 INTERSIL-ICM7243_05 Datasheet
540Kb / 14P
8-Character, Microprocessor-Compatible, LED Display Decoder Driver
October 28, 2005
ICM7243BIPLZ INTERSIL-ICM7243BIPLZ Datasheet
604Kb / 16P
8-Character, Microprocessor-Compatible, LED Display Decoder Driver
ICM7218AIJI INTERSIL-ICM7218AIJI Datasheet
336Kb / 11P
8-Digit LED Microprocessor-Compatible Multiplexed Display Decoder Driver
September 15, 2015
ICM7228AIBI INTERSIL-ICM7228AIBI Datasheet
400Kb / 19P
8-Digit, Microprocessor-Compatible, LED Display Decoder Driver
August 19, 2015
logo
Renesas Technology Corp
ICM7218 RENESAS-ICM7218 Datasheet
676Kb / 14P
8-Digit LED Microprocessor-Compatible Multiplexed Display Decoder Driver
ICM7228 RENESAS-ICM7228 Datasheet
809Kb / 19P
8-Digit, Microprocessor-Compatible, LED Display Decoder Driver
ICM7243 RENESAS-ICM7243 Datasheet
781Kb / 17P
8-Character, Microprocessor-Compatible, LED Display Decoder Driver
ICM7244 RENESAS-ICM7244 Datasheet
657Kb / 14P
8-Character, Microprocessor Compatible, LED Display Decoder Driver
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com