Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS2513-1 Datasheet (PDF) - NEC

PS2513-1 Datasheet PDF - NEC
Part # PS2513-1
Download  PS2513-1 Download
File Size   156.07 Kbytes
Page   7 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description HIGH-SPEED SWITCHING/HIGH ISOLATION VOLTAGE PHOTOCOUPLER SERIES

PS2513-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
PS2513-1 Datasheet PDF - NEC

Part # PS2513-1
Download  PS2513-1 Click to download

File Size   156.07 Kbytes
Page   7 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description HIGH-SPEED SWITCHING/HIGH ISOLATION VOLTAGE PHOTOCOUPLER SERIES

PS2513-1 Datasheet (HTML) - NEC


PS2513-1 Product details

DESCRIPTION
The PS2513-1 and PS2513L-1 are optically coupled isolators containing a GaAs light emitting diode and an NPN silicon phototransistor.
The PS2513-1 is in a plastic DIP (Dual In-line Package) and the PS2513L-1 is lead bending type (Gull-wing) for surface mount.

FEATURES
• High isolation voltage (BV = 5 000 Vr.m.s.)
• High collector to emitter voltage (VCEO = 120 V)
• Guaranteed maximum switching speed (toff ≤ 60 µs @ IF = 5 mA, VCC = 5 V, RL = 1.9 kΩ)
• High-speed switching (ton = 5 µs TYP. @ IF = 5 mA, VCC = 5 V, RL = 1.9 kΩ)
                                      (toff = 25 µs TYP. @ IF = 5 mA, VCC = 5 V, RL = 1.9 kΩ)
• Ordering number of tape product: PS2513L-1-E3, E4, F3, F4

APPLICATIONS
• Power supply
• Air conditioner
• FA equipment




Similar Part No. - PS2513-1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2513-1 RENESAS-PS2513-1 Datasheet
255Kb / 16P
HIGH-SPEED SWITCHING/HIGH ISOLATION VOLTAGE PHOTOCOUPLER SERIES
logo
California Eastern Labs
PS2513-1 CEL-PS2513-1 Datasheet
269Kb / 15P
HIGH-SPEED SWITCHING/HIGH ISOLATION VOLTAGE PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2513-1 RENESAS-PS2513-1 Datasheet
248Kb / 16P
HIGH-SPEED SWITCHING/HIGH ISOLATION VOLTAGE PHOTOCOUPLER SERIES
logo
California Eastern Labs
PS2513-1-A CEL-PS2513-1-A Datasheet
269Kb / 15P
HIGH-SPEED SWITCHING/HIGH ISOLATION VOLTAGE PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2513-1-V RENESAS-PS2513-1-V Datasheet
255Kb / 16P
HIGH-SPEED SWITCHING/HIGH ISOLATION VOLTAGE PHOTOCOUPLER SERIES
More results


Similar Description - PS2513-1

ManufacturerPart #DatasheetDescription
logo
NEC
PS9601 NEC-PS9601 Datasheet
64Kb / 8P
HIGH ISOLATION VOLTAGE HIGH SPEED PHOTOCOUPLER
PS9601 NEC-PS9601_01 Datasheet
58Kb / 6P
HIGH ISOLATION VOLTAGE HIGH SPEED PHOTOCOUPLER
logo
Renesas Technology Corp
PS2514-1 RENESAS-PS2514-1 Datasheet
235Kb / 16P
HIGH-SPEED SWITCHING/HIGH ISOLATION VOLTAGE PHOTOCOUPLER SERIES
PS2513-1 RENESAS-PS2513-1 Datasheet
255Kb / 16P
HIGH-SPEED SWITCHING/HIGH ISOLATION VOLTAGE PHOTOCOUPLER SERIES
logo
California Eastern Labs
PS2514-1 CEL-PS2514-1 Datasheet
605Kb / 15P
HIGH-SPEED SWITCHING/HIGH ISOLATION VOLTAGE PHOTOCOUPLER SERIES
PS9601 CEL-PS9601 Datasheet
59Kb / 6P
HIGH ISOLATION VOLTAGE HIGH SPEED PHOTOCOUPLER
PS2513-1 CEL-PS2513-1 Datasheet
269Kb / 15P
HIGH-SPEED SWITCHING/HIGH ISOLATION VOLTAGE PHOTOCOUPLER SERIES
PS2806-4-A CEL-PS2806-4-A Datasheet
397Kb / 14P
HIGH ISOLATION VOLTAGE HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2513-1 RENESAS-PS2513-1_15 Datasheet
248Kb / 16P
HIGH-SPEED SWITCHING/HIGH ISOLATION VOLTAGE PHOTOCOUPLER SERIES
PS2514-1 RENESAS-PS2514-1_15 Datasheet
227Kb / 16P
HIGH-SPEED SWITCHING/HIGH ISOLATION VOLTAGE PHOTOCOUPLER SERIES
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com