Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS2513-1 Datasheet (PDF) - Renesas Technology Corp

PS2513-1 Datasheet PDF - Renesas Technology Corp
Part # PS2513-1
Download  PS2513-1 Download
File Size   255.91 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description HIGH-SPEED SWITCHING/HIGH ISOLATION VOLTAGE PHOTOCOUPLER SERIES

PS2513-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
PS2513-1 Datasheet PDF - Renesas Technology Corp

Part # PS2513-1
Download  PS2513-1 Click to download

File Size   255.91 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description HIGH-SPEED SWITCHING/HIGH ISOLATION VOLTAGE PHOTOCOUPLER SERIES

PS2513-1 Datasheet (HTML) - Renesas Technology Corp


PS2513-1 Product details

DESCRIPTION
The PS2513-1 and PS2513L-1 are optically coupled isolators containing a GaAs light emitting diode and an NPN silicon phototransistor.
The PS2513-1 is in a plastic DIP (Dual In-line Package) and the PS2513L-1 is lead bending type (Gull-wing) for surface mount.

FEATURES
• High isolation voltage (BV = 5 000 Vr.m.s.)
• High collector to emitter voltage (VCEO = 120 V)
• Guaranteed maximum switching speed
                                      (toff ≤ 60 μs @ IF = 5 mA, VCC = 5 V, RL = 1.9 kΩ)
• High-speed switching (ton = 5 μs TYP. @ IF = 5 mA, VCC = 5 V, RL = 1.9 kΩ)
                                      (toff = 25 μs TYP. @ IF = 5 mA, VCC = 5 V, RL = 1.9 kΩ)
• Ordering number of tape product: PS2513L-1-F3: 2 000 pcs/reel
• Safety standards
    • UL approved: No. E72422
    • DIN EN60747-5-2 (VDE0884 Part2) approved: No. 40008862 (Option)

APPLICATIONS
• Power supply
• Air conditioner
• FA equipment




Similar Part No. - PS2513-1

ManufacturerPart #DatasheetDescription
logo
NEC
PS2513-1 NEC-PS2513-1 Datasheet
156Kb / 7P
HIGH-SPEED SWITCHING/HIGH ISOLATION VOLTAGE PHOTOCOUPLER SERIES
logo
California Eastern Labs
PS2513-1 CEL-PS2513-1 Datasheet
269Kb / 15P
HIGH-SPEED SWITCHING/HIGH ISOLATION VOLTAGE PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2513-1 RENESAS-PS2513-1 Datasheet
248Kb / 16P
HIGH-SPEED SWITCHING/HIGH ISOLATION VOLTAGE PHOTOCOUPLER SERIES
logo
California Eastern Labs
PS2513-1-A CEL-PS2513-1-A Datasheet
269Kb / 15P
HIGH-SPEED SWITCHING/HIGH ISOLATION VOLTAGE PHOTOCOUPLER SERIES
PS2513-1-V CEL-PS2513-1-V Datasheet
269Kb / 15P
HIGH-SPEED SWITCHING/HIGH ISOLATION VOLTAGE PHOTOCOUPLER SERIES
More results


Similar Description - PS2513-1

ManufacturerPart #DatasheetDescription
logo
NEC
PS9601 NEC-PS9601 Datasheet
64Kb / 8P
HIGH ISOLATION VOLTAGE HIGH SPEED PHOTOCOUPLER
PS2513-1 NEC-PS2513-1 Datasheet
156Kb / 7P
HIGH-SPEED SWITCHING/HIGH ISOLATION VOLTAGE PHOTOCOUPLER SERIES
PS9601 NEC-PS9601_01 Datasheet
58Kb / 6P
HIGH ISOLATION VOLTAGE HIGH SPEED PHOTOCOUPLER
logo
Renesas Technology Corp
PS2514-1 RENESAS-PS2514-1 Datasheet
235Kb / 16P
HIGH-SPEED SWITCHING/HIGH ISOLATION VOLTAGE PHOTOCOUPLER SERIES
logo
California Eastern Labs
PS2514-1 CEL-PS2514-1 Datasheet
605Kb / 15P
HIGH-SPEED SWITCHING/HIGH ISOLATION VOLTAGE PHOTOCOUPLER SERIES
PS9601 CEL-PS9601 Datasheet
59Kb / 6P
HIGH ISOLATION VOLTAGE HIGH SPEED PHOTOCOUPLER
PS2513-1 CEL-PS2513-1 Datasheet
269Kb / 15P
HIGH-SPEED SWITCHING/HIGH ISOLATION VOLTAGE PHOTOCOUPLER SERIES
PS2806-4-A CEL-PS2806-4-A Datasheet
397Kb / 14P
HIGH ISOLATION VOLTAGE HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2513-1 RENESAS-PS2513-1_15 Datasheet
248Kb / 16P
HIGH-SPEED SWITCHING/HIGH ISOLATION VOLTAGE PHOTOCOUPLER SERIES
PS2514-1 RENESAS-PS2514-1_15 Datasheet
227Kb / 16P
HIGH-SPEED SWITCHING/HIGH ISOLATION VOLTAGE PHOTOCOUPLER SERIES
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com