Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6210 Datasheet (PDF) - Renesas Technology Corp

ISL6210 Datasheet PDF - Renesas Technology Corp
Part # ISL6210
Download  ISL6210 Download
File Size   498.25 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual Synchronous Rectified MOSFET Drivers

ISL6210 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6210 Datasheet PDF - Renesas Technology Corp

Part # ISL6210
Download  ISL6210 Click to download

File Size   498.25 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual Synchronous Rectified MOSFET Drivers

ISL6210 Datasheet (HTML) - Renesas Technology Corp


ISL6210 Product details

Dual Synchronous Rectified MOSFET Drivers

The ISL6210 integrates two ISL6208A drivers and is optimized to drive two independent power channels in a synchronous-rectified buck converter topology. These drivers combined with an Intersil ISL62xx multiphase PWM controller forms a complete single-stage core-voltage regulator solution with high efficiency performance at high switching frequency for advanced microprocessors.

Features
• 5V Quad N-Channel MOSFET Drives for Two Synchronous Rectified Bridges
• Adaptive Shoot-Through Protection
    - Active Gate Threshold Monitoring
    - Programmable Dead-Time
• 0.4Ω ON-Resistance and 4A Sink Current Capability
• Supports High Switching Frequency
    - Fast Output Rise and Fall
    - Ultra Low Three-State Hold-Off Time (20ns)
• Low VF Internal Bootstrap Diode
• Low Bias Supply Current
• Power-On Reset
• QFN Package
    - Compliant to JEDEC PUB95 MO-220 QFN-Quad Flat No Leads-Product Outline
    - Near Chip-Scale Package Footprint; Improves PCB Efficiency and Thinner in Profile
• Pb-Free Available (RoHS Compliant)

Applications
• Core Voltage Supplies for Intel® and AMD® Microprocessors
• High Frequency Low Profile High Efficiency DC/DC Converters
• High Current Low Voltage DC/DC Converters
• Synchronous Rectification for Isolated Power Supplies




Similar Part No. - ISL6210

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6210 INTERSIL-ISL6210 Datasheet
249Kb / 10P
Dual Synchronous Rectified MOSFET Drivers
November 28, 2006
ISL6210CRZ INTERSIL-ISL6210CRZ Datasheet
249Kb / 10P
Dual Synchronous Rectified MOSFET Drivers
November 28, 2006
ISL6210CRZ-T INTERSIL-ISL6210CRZ-T Datasheet
249Kb / 10P
Dual Synchronous Rectified MOSFET Drivers
November 28, 2006
More results


Similar Description - ISL6210

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6601 INTERSIL-HIP6601 Datasheet
84Kb / 8P
Synchronous-Rectified Buck MOSFET Drivers
2000 01
ISL6210 INTERSIL-ISL6210 Datasheet
249Kb / 10P
Dual Synchronous Rectified MOSFET Drivers
November 28, 2006
ISL6610 INTERSIL-ISL6610 Datasheet
276Kb / 11P
Dual Synchronous Rectified MOSFET Drivers
November 22, 2006
ISL6597 INTERSIL-ISL6597_06 Datasheet
259Kb / 10P
Dual Synchronous Rectified MOSFET Drivers
November 22, 2006
logo
Richtek Technology Corp...
RT9618 RICHTEK-RT9618_11 Datasheet
469Kb / 12P
Synchronous-Rectified Buck MOSFET Drivers
RT9619 RICHTEK-RT9619_11 Datasheet
427Kb / 11P
Synchronous-Rectified Buck MOSFET Drivers
logo
Intersil Corporation
ISL6610CBZ INTERSIL-ISL6610CBZ Datasheet
278Kb / 11P
Dual Synchronous Rectified MOSFET Drivers
November 22, 2006
ISL6625ACRZ-T INTERSIL-ISL6625ACRZ-T Datasheet
412Kb / 10P
Synchronous Rectified Buck MOSFET Drivers
September 19, 2012
logo
Renesas Technology Corp
ISL6597 RENESAS-ISL6597 Datasheet
564Kb / 10P
Dual Synchronous Rectified MOSFET Drivers
ISL6610 RENESAS-ISL6610 Datasheet
281Kb / 11P
Dual Synchronous Rectified MOSFET Drivers
November 22, 2006
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com