Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6610 Datasheet (PDF) - Renesas Technology Corp

ISL6610 Datasheet PDF - Renesas Technology Corp
Part # ISL6610
Download  ISL6610 Download
File Size   281.25 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual Synchronous Rectified MOSFET Drivers

ISL6610 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6610 Datasheet PDF - Renesas Technology Corp

Part # ISL6610
Download  ISL6610 Click to download

File Size   281.25 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual Synchronous Rectified MOSFET Drivers

ISL6610 Datasheet (HTML) - Renesas Technology Corp


ISL6610 Product details

Features
• 5V Quad N-Channel MOSFET Drives for Two
Synchronous Rectified Bridges
• Pin-to-pin Compatible with ISL6614 (12V Drive)
• Adaptive Shoot-Through Protection
• 0.4Ω On-Resistance and 4A Sink Current Capability
• Supports High Switching Frequency
- Fast Output Rise and Fall
- Low Tri-State Hold-Off Time
• BOOT Capacitor Overcharge Prevention (ISL6610A)
• Low VF Internal Bootstrap Diode
• Power-On Reset
• QFN Package
- Compliant to JEDEC PUB95 MO-220 QFN-Quad Flat
No Leads-Product Outline
- Near Chip-Scale Package Footprint; Improves PCB
Utilization, Thinner Profile
• Pb-Free Plus Anneal Available (RoHS Compliant)
Related Literature
• Technical Brief TB389 “PCB Land Pattern Design and
Surface Mount Guidelines for QFN (MLFP) Packages”
• Technical Brief TB363 “Guidelines for Handling and
Processing Moisture Sensitive Surface Mount Devices
(SMDs)”




Similar Part No. - ISL6610

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6610 INTERSIL-ISL6610 Datasheet
276Kb / 11P
Dual Synchronous Rectified MOSFET Drivers
November 22, 2006
ISL6610 INTERSIL-ISL6610 Datasheet
559Kb / 30P
VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring
February 26, 2008
ISL6610 INTERSIL-ISL6610 Datasheet
1Mb / 44P
Dual 6-Phase 1-Phase PWM Controller for VR12/IMVP7 Applications
January 3, 2011
ISL6610 INTERSIL-ISL6610 Datasheet
1Mb / 44P
Dual 4-Phase 1-Phase PWM Controller for VR12/IMVP7 Applications
December 22, 2010
ISL6610 INTERSIL-ISL6610 Datasheet
278Kb / 11P
Dual Synchronous Rectified MOSFET Drivers
November 22, 2006
More results


Similar Description - ISL6610

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6601 INTERSIL-HIP6601 Datasheet
84Kb / 8P
Synchronous-Rectified Buck MOSFET Drivers
2000 01
ISL6210 INTERSIL-ISL6210 Datasheet
249Kb / 10P
Dual Synchronous Rectified MOSFET Drivers
November 28, 2006
ISL6610 INTERSIL-ISL6610 Datasheet
276Kb / 11P
Dual Synchronous Rectified MOSFET Drivers
November 22, 2006
ISL6597 INTERSIL-ISL6597_06 Datasheet
259Kb / 10P
Dual Synchronous Rectified MOSFET Drivers
November 22, 2006
logo
Richtek Technology Corp...
RT9618 RICHTEK-RT9618_11 Datasheet
469Kb / 12P
Synchronous-Rectified Buck MOSFET Drivers
RT9619 RICHTEK-RT9619_11 Datasheet
427Kb / 11P
Synchronous-Rectified Buck MOSFET Drivers
logo
Intersil Corporation
ISL6610CBZ INTERSIL-ISL6610CBZ Datasheet
278Kb / 11P
Dual Synchronous Rectified MOSFET Drivers
November 22, 2006
ISL6625ACRZ-T INTERSIL-ISL6625ACRZ-T Datasheet
412Kb / 10P
Synchronous Rectified Buck MOSFET Drivers
September 19, 2012
logo
Renesas Technology Corp
ISL6210 RENESAS-ISL6210 Datasheet
498Kb / 10P
Dual Synchronous Rectified MOSFET Drivers
ISL6597 RENESAS-ISL6597 Datasheet
564Kb / 10P
Dual Synchronous Rectified MOSFET Drivers
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com