Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6610 Datasheet (PDF) - Intersil Corporation

ISL6610 Datasheet PDF - Intersil Corporation
Part # ISL6610
Download  ISL6610 Download
File Size   278.87 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Dual Synchronous Rectified MOSFET Drivers

ISL6610 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6610 Datasheet PDF - Intersil Corporation

Part # ISL6610
Download  ISL6610 Click to download

File Size   278.87 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Dual Synchronous Rectified MOSFET Drivers

ISL6610 Datasheet (HTML) - Intersil Corporation


ISL6610 Product details

The ISL6610, ISL6610A integrates two ISL6609, ISL6609A
drivers with enable function removed and is optimized to
drive two independent power channels in a synchronousrectified buck converter topology. These drivers, combined
with an Intersil ISL63xx or ISL65xx multiphase PWM
controller, form a complete high efficiency voltage regulator
at high switching frequency.
The IC is biased by a single low voltage supply (5V),
minimizing driver switching losses in high MOSFET gate
capacitance and high switching frequency applications.
Each driver is capable of driving a 3nF load with less than
10ns rise/fall time. Bootstrapping of the upper gate driver is
implemented via an internal low forward drop diode,
reducing implementation cost, complexity, and allowing the
use of higher performance, cost effective N-Channel
MOSFETs. Adaptive shoot-through protection is integrated
to prevent both MOSFETs from conducting simultaneously.
The ISL6610, ISL6610A features 4A typical sink current for
the lower gate driver, enhancing the lower MOSFET gate
hold-down capability during PHASE node rising edge,
preventing power loss caused by the self turn-on of the lower
MOSFET due to the high dV/dt of the switching node.
The ISL6610, ISL6610A also features an input that
recognizes a high-impedance state, working together with
Intersil multiphase PWM controllers to prevent negative
transients on the controlled output voltage when operation is
suspended. This feature eliminates the need for the schottky
diode that may be utilized in a power system to protect the
load from negative output voltage damage.
In addition, the ISL6610As bootstrap function is designed to
prevent the BOOT capacitor from overcharging, should
excessively large negative swings occur at the transitions of
the PHASE node.

Features
• 5V Quad N-Channel MOSFET Drives for Two
Synchronous Rectified Bridges
• Pin-to-pin Compatible with ISL6614 (12V Drive)
• Adaptive Shoot-Through Protection
• 0.4Ω On-Resistance and 4A Sink Current Capability
• Supports High Switching Frequency
- Fast Output Rise and Fall
- Low Tri-State Hold-Off Time
• BOOT Capacitor Overcharge Prevention (ISL6610A)
• Low VF Internal Bootstrap Diode
• Power-On Reset
• QFN Package
- Compliant to JEDEC PUB95 MO-220 QFN-Quad Flat
No Leads-Product Outline
- Near Chip-Scale Package Footprint; Improves PCB
Utilization, Thinner Profile
• Pb-Free Plus Anneal Available (RoHS Compliant)

Applications
• Core Voltage Supplies for Intel® and AMD®
Microprocessors
• High Frequency Low Profile High Efficiency DC/DC
Converters
• High Current Low Voltage DC/DC Converters
• Synchronous Rectification for Isolated Power Supplies




Similar Part No. - ISL6610

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6610 INTERSIL-ISL6610 Datasheet
276Kb / 11P
Dual Synchronous Rectified MOSFET Drivers
November 22, 2006
ISL6610 INTERSIL-ISL6610 Datasheet
559Kb / 30P
VR11.1, 4-Phase PWM Controller with Light Load Efficiency Enhancement and Load Current Monitoring
February 26, 2008
ISL6610 INTERSIL-ISL6610 Datasheet
1Mb / 44P
Dual 6-Phase 1-Phase PWM Controller for VR12/IMVP7 Applications
January 3, 2011
ISL6610 INTERSIL-ISL6610 Datasheet
1Mb / 44P
Dual 4-Phase 1-Phase PWM Controller for VR12/IMVP7 Applications
December 22, 2010
logo
Renesas Technology Corp
ISL6610 RENESAS-ISL6610 Datasheet
281Kb / 11P
Dual Synchronous Rectified MOSFET Drivers
November 22, 2006
More results


Similar Description - ISL6610

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6601 INTERSIL-HIP6601 Datasheet
84Kb / 8P
Synchronous-Rectified Buck MOSFET Drivers
2000 01
ISL6210 INTERSIL-ISL6210 Datasheet
249Kb / 10P
Dual Synchronous Rectified MOSFET Drivers
November 28, 2006
ISL6610 INTERSIL-ISL6610 Datasheet
276Kb / 11P
Dual Synchronous Rectified MOSFET Drivers
November 22, 2006
ISL6597 INTERSIL-ISL6597_06 Datasheet
259Kb / 10P
Dual Synchronous Rectified MOSFET Drivers
November 22, 2006
logo
Richtek Technology Corp...
RT9618 RICHTEK-RT9618_11 Datasheet
469Kb / 12P
Synchronous-Rectified Buck MOSFET Drivers
RT9619 RICHTEK-RT9619_11 Datasheet
427Kb / 11P
Synchronous-Rectified Buck MOSFET Drivers
logo
Intersil Corporation
ISL6625ACRZ-T INTERSIL-ISL6625ACRZ-T Datasheet
412Kb / 10P
Synchronous Rectified Buck MOSFET Drivers
September 19, 2012
logo
Renesas Technology Corp
ISL6210 RENESAS-ISL6210 Datasheet
498Kb / 10P
Dual Synchronous Rectified MOSFET Drivers
ISL6597 RENESAS-ISL6597 Datasheet
564Kb / 10P
Dual Synchronous Rectified MOSFET Drivers
ISL6610 RENESAS-ISL6610 Datasheet
281Kb / 11P
Dual Synchronous Rectified MOSFET Drivers
November 22, 2006
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com