Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6293 Datasheet (PDF) - Renesas Technology Corp

ISL6293 Datasheet PDF - Renesas Technology Corp
Part # ISL6293
Download  ISL6293 Download
File Size   429.41 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Li-ion/Li Polymer Battery Charger Accepting Two Power Sources

ISL6293 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6293 Datasheet PDF - Renesas Technology Corp

Part # ISL6293
Download  ISL6293 Click to download

File Size   429.41 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Li-ion/Li Polymer Battery Charger Accepting Two Power Sources

ISL6293 Datasheet (HTML) - Renesas Technology Corp


ISL6293 Product details

Li-ion/Li Polymer Battery Charger Accepting Two Power Sources

The ISL6293 is a fully integrated low-cost single-cell Li-ion or Li-polymer battery charger. The charger accepts two power inputs, normally one from a USB (Universal Serial Bus) port and another one from a desktop cradle. The ISL6293 is an ideal charger for smart handheld devices that need to communicate with a personal computer via USB.

Features
• Complete Charger for Single-Cell Li-ion/Polymer Batteries
• Accept Two Power Sources
• Low Component Count
    - Integrated Pass Element
    - Integrated Charge-Current Sensor with 10% Accuracy
    - No External Blocking Diode Required
• Charge Current Thermal Foldback for Thermal Protection
• 28V Maximum Voltage for the Cradle Input
• Charge Indication
• Adapter Presence Indication
• Less than 1µA Leakage Current off the Battery when No Input Power Attached
• Ambient Temperature Range: -40°C to 85°C
• Thermally-Enhanced 3x3 DFN Package
• Pb-Free Plus Anneal Available (RoHS Compliant)

Applications
• Smart Handheld Devices
• Cell Phones, PDAs, MP3 Players
• Digital Still Cameras
• Handheld Test Equipment




Similar Part No. - ISL6293

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6293 INTERSIL-ISL6293 Datasheet
208Kb / 8P
Li-ion/Li Polymer Battery Charger Accepting Two Power Sources
October 5, 2004
ISL6293 INTERSIL-ISL6293 Datasheet
222Kb / 8P
Li-ion/Li Polymer Battery Charger Accepting Two Power Sources
January 4, 2006
ISL6293-2CR INTERSIL-ISL6293-2CR Datasheet
208Kb / 8P
Li-ion/Li Polymer Battery Charger Accepting Two Power Sources
October 5, 2004
ISL6293-2CR INTERSIL-ISL6293-2CR Datasheet
222Kb / 8P
Li-ion/Li Polymer Battery Charger Accepting Two Power Sources
January 4, 2006
ISL6293-2CR-T INTERSIL-ISL6293-2CR-T Datasheet
208Kb / 8P
Li-ion/Li Polymer Battery Charger Accepting Two Power Sources
October 5, 2004
More results


Similar Description - ISL6293

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6293 INTERSIL-ISL6293 Datasheet
208Kb / 8P
Li-ion/Li Polymer Battery Charger Accepting Two Power Sources
October 5, 2004
ISL6299 INTERSIL-ISL6299 Datasheet
225Kb / 8P
Li-ion/Li-Polymer Battery Charger Accepting Two Power Sources
March 17, 2005
ISL6299A INTERSIL-ISL6299A Datasheet
222Kb / 8P
Li-ion/Li-Polymer Battery Charger Accepting Two Power Sources
June 28, 2005
ISL9214 INTERSIL-ISL9214 Datasheet
193Kb / 11P
Li-ion/Li-Polymer Battery Charger Accepting Two Power Sources
November 30, 2006
ISL6293 INTERSIL-ISL6293_06 Datasheet
222Kb / 8P
Li-ion/Li Polymer Battery Charger Accepting Two Power Sources
January 4, 2006
ISL6299A INTERSIL-ISL6299A_06 Datasheet
232Kb / 8P
Li-ion/Li-Polymer Battery Charger Accepting Two Power Sources
January 3, 2006
ISL9214A INTERSIL-ISL9214A Datasheet
205Kb / 11P
Li-ion/Li-Polymer Battery Charger Accepting Two Power Sources
May 5, 2008
ISL9214AIRZ INTERSIL-ISL9214AIRZ Datasheet
202Kb / 11P
Li-ion/Li-Polymer Battery Charger Accepting Two Power Sources
May 5, 2008
logo
Renesas Technology Corp
ISL6299A RENESAS-ISL6299A Datasheet
416Kb / 8P
Li-ion/Li-Polymer Battery Charger Accepting Two Power Sources
ISL9214 RENESAS-ISL9214 Datasheet
533Kb / 11P
Li-ion/Li-Polymer Battery Charger Accepting Two Power Sources
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com