Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6299A Datasheet (PDF) - Renesas Technology Corp

ISL6299A Datasheet PDF - Renesas Technology Corp
Part # ISL6299A
Download  ISL6299A Download
File Size   416.23 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Li-ion/Li-Polymer Battery Charger Accepting Two Power Sources

ISL6299A Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6299A Datasheet PDF - Renesas Technology Corp

Part # ISL6299A
Download  ISL6299A Click to download

File Size   416.23 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Li-ion/Li-Polymer Battery Charger Accepting Two Power Sources

ISL6299A Datasheet (HTML) - Renesas Technology Corp


ISL6299A Product details

Li-ion/Li-Polymer Battery Charger Accepting Two Power Sources

The ISL6299A is a fully integrated low-cost single-cell Li-ion or Li-polymer battery charger. The charger accepts two power inputs, normally one from a USB (Universal Serial Bus) port and the other from a desktop cradle. The ISL6299A is an ideal charger for smart handheld devices that need to communicate with a personal computer via USB.

Features
• Complete Charger for Single-Cell Li-ion/Polymer Batteries
• Dual Input Power Sources for Cradle and USB
• Low Component Count
• Integrated Pass Element
• Fixed 380mA USB Charge Current
• Programmable Cradle Charge Current
• Charge Current Thermaguard™ for Thermal Protection
• 28V Maximum Voltage for the Cradle Input
• Charge Indication
• Adapter Presence Indication
• Less than 0.5µA Leakage Current off the Battery when No Input Power Attached
• Programmable end-of-charge current with latch for Cradle Input
• Ambient Temperature Range: -40°C to 85°C
• No External Blocking Diode Required
• Pb-Free Plus Anneal Available (RoHS Compliant)

Applications
• Smart Handheld Devices
• Cell Phones, PDAs, MP3 Players
• Digital Still Cameras
• Handheld Test Equipment




Similar Part No. - ISL6299A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6299A INTERSIL-ISL6299A Datasheet
222Kb / 8P
Li-ion/Li-Polymer Battery Charger Accepting Two Power Sources
June 28, 2005
ISL6299A INTERSIL-ISL6299A Datasheet
232Kb / 8P
Li-ion/Li-Polymer Battery Charger Accepting Two Power Sources
January 3, 2006
ISL6299AIRZ INTERSIL-ISL6299AIRZ Datasheet
222Kb / 8P
Li-ion/Li-Polymer Battery Charger Accepting Two Power Sources
June 28, 2005
ISL6299AIRZ INTERSIL-ISL6299AIRZ Datasheet
232Kb / 8P
Li-ion/Li-Polymer Battery Charger Accepting Two Power Sources
January 3, 2006
ISL6299AIRZ-T INTERSIL-ISL6299AIRZ-T Datasheet
222Kb / 8P
Li-ion/Li-Polymer Battery Charger Accepting Two Power Sources
June 28, 2005
More results


Similar Description - ISL6299A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6293 INTERSIL-ISL6293 Datasheet
208Kb / 8P
Li-ion/Li Polymer Battery Charger Accepting Two Power Sources
October 5, 2004
ISL6299 INTERSIL-ISL6299 Datasheet
225Kb / 8P
Li-ion/Li-Polymer Battery Charger Accepting Two Power Sources
March 17, 2005
ISL6299A INTERSIL-ISL6299A Datasheet
222Kb / 8P
Li-ion/Li-Polymer Battery Charger Accepting Two Power Sources
June 28, 2005
ISL9214 INTERSIL-ISL9214 Datasheet
193Kb / 11P
Li-ion/Li-Polymer Battery Charger Accepting Two Power Sources
November 30, 2006
ISL6293 INTERSIL-ISL6293_06 Datasheet
222Kb / 8P
Li-ion/Li Polymer Battery Charger Accepting Two Power Sources
January 4, 2006
ISL6299A INTERSIL-ISL6299A_06 Datasheet
232Kb / 8P
Li-ion/Li-Polymer Battery Charger Accepting Two Power Sources
January 3, 2006
ISL9214A INTERSIL-ISL9214A Datasheet
205Kb / 11P
Li-ion/Li-Polymer Battery Charger Accepting Two Power Sources
May 5, 2008
ISL9214AIRZ INTERSIL-ISL9214AIRZ Datasheet
202Kb / 11P
Li-ion/Li-Polymer Battery Charger Accepting Two Power Sources
May 5, 2008
logo
Renesas Technology Corp
ISL6293 RENESAS-ISL6293 Datasheet
429Kb / 8P
Li-ion/Li Polymer Battery Charger Accepting Two Power Sources
ISL9214 RENESAS-ISL9214 Datasheet
533Kb / 11P
Li-ion/Li-Polymer Battery Charger Accepting Two Power Sources
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com