Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6298 Datasheet (PDF) - Renesas Technology Corp

ISL6298 Datasheet PDF - Renesas Technology Corp
Part # ISL6298
Download  ISL6298 Download
File Size   776.65 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Li-ion/Li-Polymer Battery Charger

ISL6298 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6298 Datasheet PDF - Renesas Technology Corp

Part # ISL6298
Download  ISL6298 Click to download

File Size   776.65 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Li-ion/Li-Polymer Battery Charger

ISL6298 Datasheet (HTML) - Renesas Technology Corp


ISL6298 Product details

Li-ion/Li-Polymer Battery Charger

The ISL6298 is an integrated single-cell Li-ion or Li-polymer battery charger optimized for low current applications. The targeted applications include mini-disk (MD) players, Blue Tooth headsets, or other applications that use low-capacity battery cells.

Features
• Complete Charger for Single-Cell Li-ion Batteries
• Integrated Pass Element and Current Sensor
• No External Blocking Diode Required
• 1% Voltage Accuracy
• Programmable Current Limit up to 450mA
• Programmable End-of-Charge Current
• Preconditioning with 20% Fast Charge Current
• 10% Accuracy at 250mA
• Charge Current Thermal Foldback
• NTC Thermistor Interface for Battery Temperature Monitor
• User Programmable Safety Timer
• Ambient Temperature Range: -20°C to 70°C
• Thermally-Enhanced QFN Packages
• Pb-Free Plus Anneal Available (RoHS Compliant)

Applications
• MD Players, Blue-Tooth Headsets and MP3 Players
• Portable Instruments
• PDAs, Cell Phones and Smart Phones
• Stand-Alone Chargers




Similar Part No. - ISL6298

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6298 INTERSIL-ISL6298 Datasheet
445Kb / 17P
Li-ion/Li-Polymer Battery Charger
July 20, 2005
ISL6298 INTERSIL-ISL6298 Datasheet
451Kb / 17P
Li-ion/Li-Polymer Battery Charger
March 9, 2006
ISL6298 INTERSIL-ISL6298 Datasheet
445Kb / 17P
Li-ion/Li-Polymer Battery Charger
March 9, 2006
ISL6298-2CR3 INTERSIL-ISL6298-2CR3 Datasheet
445Kb / 17P
Li-ion/Li-Polymer Battery Charger
July 20, 2005
ISL6298-2CR3Z INTERSIL-ISL6298-2CR3Z Datasheet
445Kb / 17P
Li-ion/Li-Polymer Battery Charger
July 20, 2005
More results


Similar Description - ISL6298

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6292 INTERSIL-ISL6292 Datasheet
647Kb / 19P
Li-ion/Li Polymer Battery Charger
July 25, 2005
ISL6292C INTERSIL-ISL6292C Datasheet
436Kb / 11P
Li-ion/Li Polymer Battery Charger
July 22, 2005
ISL6298CR4Z INTERSIL-ISL6298CR4Z Datasheet
445Kb / 17P
Li-ion/Li-Polymer Battery Charger
March 9, 2006
logo
Renesas Technology Corp
ISL6292 RENESAS-ISL6292 Datasheet
1Mb / 20P
Li-ion/Li Polymer Battery Charger
ISL6292B RENESAS-ISL6292B Datasheet
571Kb / 12P
Li-ion/Li Polymer Battery Charger
ISL6292D RENESAS-ISL6292D Datasheet
695Kb / 13P
Li-ion/Li Polymer Battery Charger
ISL9203A RENESAS-ISL9203A Datasheet
716Kb / 14P
Li-ion/Li Polymer Battery Charger
logo
Diodes Incorporated
AUR9801D DIODES-AUR9801D Datasheet
599Kb / 14P
LI-ION/LI POLYMER BATTERY CHARGER
August 2019
logo
Renesas Technology Corp
ISL6292B RENESAS-ISL6292B_V01 Datasheet
603Kb / 13P
Li-ion/Li Polymer Battery Charger
Nov.2.2020
ISL6292 RENESAS-ISL6292_V01 Datasheet
1Mb / 23P
Li-ion/Li Polymer Battery Charger
Nov.3.20
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com