Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD12T1 Datasheet (PDF) - ON Semiconductor

SD12T1 Datasheet PDF - ON Semiconductor
Part # SD12T1
Download  SD12T1 Download
File Size   91.62 Kbytes
Page   4 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Transient Voltage Suppressor Diode

SD12T1 Datasheet (PDF)

Go To PDF Page Download Datasheet
SD12T1 Datasheet PDF - ON Semiconductor

Part # SD12T1
Download  SD12T1 Click to download

File Size   91.62 Kbytes
Page   4 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Transient Voltage Suppressor Diode

SD12T1 Datasheet (HTML) - ON Semiconductor


SD12T1 Product details

ESD Protrection Diode
SOD−323 Diodes for ESD Protection

These surge protection diodes are designed for applications requiring transient overvoltage protection capability. They are intended for use in voltage and ESD sensitive equipment such as computers, printers, business machines, communication systems, medical equipment and other applications. These devices are ideal for situations where board space is at a premium.

Specification Features:
• Steady State Power Routing of 300 mW
• Peak Power − 350 W (8 x 20 μs)
• Low Leakage
• Cathode Indicated by Polarity Band
• Package Weight: 4.507 mg/wmt
• Meets IEC61000−4−2 Level 4, 15 kV (Air), 8 kV (Contact)
• Meets IEC6100−4−4 Level 4, 40 A
• Meets IEC6100−4−5 (Lightning), 24 A
• Meets 16 kV Human Body Model ESD Requirements
• SZ Prefix for Automotive and Other Applications Requiring Unique
   Site and Control Change Requirements; AEC−Q101 Qualified and
   PPAP Capable
• These Devices are Pb−Free and are RoHS Compliant




Similar Part No. - SD12T1

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SD12T1 SANYO-SD12T1 Datasheet
58Kb / 4P
Transient Voltage Suppressor Diode SOD.323 Diodes for ESD Protection
logo
Shanghai Leiditech Elec...
SD12T1 LEIDITECH-SD12T1 Datasheet
493Kb / 3P
Standard Capacitance TVS Diode
logo
Sanyo Semicon Device
SD12T1G SANYO-SD12T1G Datasheet
58Kb / 4P
Transient Voltage Suppressor Diode SOD.323 Diodes for ESD Protection
logo
ON Semiconductor
SD12T1G ONSEMI-SD12T1G Datasheet
54Kb / 4P
Transient Voltage Suppressor Diode
September, 2014 ??Rev. 4
logo
TECH PUBLIC Electronics...
SD12T1G TECHPUBLIC-SD12T1G Datasheet
1Mb / 4P
1-Line Unl-directional TVS Diode
More results


Similar Description - SD12T1

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CD214C BOURNS-CD214C_08 Datasheet
224Kb / 5P
Transient Voltage Suppressor Diode Series
CD214B BOURNS-CD214B_08 Datasheet
231Kb / 5P
Transient Voltage Suppressor Diode Series
logo
Sensitron
1N6138A SENSITRON-1N6138A Datasheet
41Kb / 3P
Transient Voltage Suppressor Diode, 1500W
logo
ON Semiconductor
SM05T1 ONSEMI-SM05T1_11 Datasheet
109Kb / 5P
Transient Voltage Suppressor Diode Array
July, 2011 ??Rev. 4
logo
Bourns Electronic Solut...
SMCJ50CA BOURNS-SMCJ50CA_13 Datasheet
352Kb / 5P
Transient Voltage Suppressor Diode Series
CD214C BOURNS-CD214C_10 Datasheet
148Kb / 5P
Transient Voltage Suppressor Diode Series
SMAJ5.0CA-H BOURNS-SMAJ5.0CA-H Datasheet
282Kb / 5P
Transient Voltage Suppressor Diode Series
logo
Infineon Technologies A...
ESD5V3U4U-HDMI INFINEON-ESD5V3U4U-HDMI_12 Datasheet
1Mb / 17P
Transient Voltage Suppressor Diode
Revision 1.1, 2012-07-03
logo
ON Semiconductor
SD05T1 ONSEMI-SD05T1_14 Datasheet
54Kb / 4P
Transient Voltage Suppressor Diode
September, 2014 ??Rev. 4
logo
Bourns Electronic Solut...
SMBJ BOURNS-SMBJ Datasheet
282Kb / 5P
Transient Voltage Suppressor Diode Series
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com