Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL8016 Datasheet (PDF) - Renesas Technology Corp

ISL8016 Datasheet PDF - Renesas Technology Corp
Part # ISL8016
Download  ISL8016 Download
File Size   1460.84 Kbytes
Page   22 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 6A Low Quiescent Current High Efficiency Synchronous Buck Regulator

ISL8016 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL8016 Datasheet PDF - Renesas Technology Corp

Part # ISL8016
Download  ISL8016 Click to download

File Size   1460.84 Kbytes
Page   22 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 6A Low Quiescent Current High Efficiency Synchronous Buck Regulator

ISL8016 Datasheet (HTML) - Renesas Technology Corp


ISL8016 Product details

6A Low Quiescent Current High Efficiency Synchronous Buck Regulator

The ISL8016 is a high efficiency, monolithic, synchronous step-down DC/DC converter that can deliver up to 6A continuous output current from a 2.7V to 5.5V input supply. The output voltage is adjustable from 0.6V to VIN. With an adjustable current limit, reverse current protection, pre-bias start and over temperature protection the ISL8016 offers a highly robust power solution. It uses current control architecture to deliver fast transient response and excellent loop stability.

Features
• High Efficiency Synchronous Buck Regulator with up to 97% Efficiency
• 1% Reference Accuracy Over-Temperature/Load/Line
• Fixed Output Voltage Option
• ±10% Output Voltage Margining
• Adjustable Current Limit
• Current Sharing Capable
• Start-up with Pre-Biased Output
• Internal Soft-Start - 1ms or Adjustable, Internal/External Compensation
• Soft-Stop Output Discharge During Disabled
• Adjustable Frequency from 500kHz to 4MHz - Default at 1MHz
• External Synchronization up to 4MHz - Master to Slave Phase Shifting Capability
• Peak current limiting, Hiccup Mode Short Circuit Protection and Over-Temperature Protection‘

Applications
• DC/DC POL Modules
• µC/µP, FPGA and DSP Power
• Plug-in DC/DC Modules for Routers and Switchers
• Portable Instruments
• Test and Measurement Systems
• Li-ion Battery Powered Devices




Similar Part No. - ISL8016

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8016 INTERSIL-ISL8016 Datasheet
1Mb / 22P
6A Low Quiescent Current High Efficiency Synchronous Buck Regulator
May 5, 2011
ISL8016 INTERSIL-ISL8016 Datasheet
1Mb / 22P
6A Low Quiescent Current High Efficiency Synchronous Buck Regulator
March 31, 2011
ISL8016IR12Z INTERSIL-ISL8016IR12Z Datasheet
1Mb / 22P
6A Low Quiescent Current High Efficiency Synchronous Buck Regulator
May 5, 2011
ISL8016IR12Z INTERSIL-ISL8016IR12Z Datasheet
1Mb / 22P
6A Low Quiescent Current High Efficiency Synchronous Buck Regulator
March 31, 2011
ISL8016IR15Z INTERSIL-ISL8016IR15Z Datasheet
1Mb / 22P
6A Low Quiescent Current High Efficiency Synchronous Buck Regulator
May 5, 2011
More results


Similar Description - ISL8016

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL78213 INTERSIL-ISL78213 Datasheet
1Mb / 15P
3A Low Quiescent Current, High Efficiency Synchronous Buck Regulator
ISL78214 INTERSIL-ISL78214 Datasheet
1Mb / 15P
4A Low Quiescent Current High Efficiency Synchronous Buck Regulator
ISL8016 INTERSIL-ISL8016 Datasheet
1Mb / 22P
6A Low Quiescent Current High Efficiency Synchronous Buck Regulator
March 31, 2011
ISL8016_1105 INTERSIL-ISL8016_1105 Datasheet
1Mb / 22P
6A Low Quiescent Current High Efficiency Synchronous Buck Regulator
May 5, 2011
ISL78213ARZ INTERSIL-ISL78213ARZ Datasheet
1Mb / 16P
3A Low Quiescent Current, High Efficiency Synchronous Buck Regulator
May 12, 2015
ISL78214ARZ INTERSIL-ISL78214ARZ Datasheet
1Mb / 15P
4A Low Quiescent Current High Efficiency Synchronous Buck Regulator
May 12, 2015
ISL8018 INTERSIL-ISL8018 Datasheet
843Kb / 21P
8A Low Quiescent Current High Efficiency Synchronous Buck Regulator
September 30, 2015
logo
Renesas Technology Corp
ISL8018 RENESAS-ISL8018 Datasheet
1Mb / 21P
8A Low Quiescent Current High Efficiency Synchronous Buck Regulator
ISL78213 RENESAS-ISL78213 Datasheet
2Mb / 17P
3A Low Quiescent Current, High Efficiency Synchronous Buck Regulator
ISL78214 RENESAS-ISL78214 Datasheet
1Mb / 15P
4A Low Quiescent Current High Efficiency Synchronous Buck Regulator
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com