Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL8018 Datasheet (PDF) - Intersil Corporation

ISL8018 Datasheet PDF - Intersil Corporation
Part # ISL8018
Download  ISL8018 Download
File Size   843.94 Kbytes
Page   21 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 8A Low Quiescent Current High Efficiency Synchronous Buck Regulator

ISL8018 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL8018 Datasheet PDF - Intersil Corporation

Part # ISL8018
Download  ISL8018 Click to download

File Size   843.94 Kbytes
Page   21 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 8A Low Quiescent Current High Efficiency Synchronous Buck Regulator

ISL8018 Datasheet (HTML) - Intersil Corporation


ISL8018 Product details

The ISL8018 is a high efficiency, monolithic, synchronous
step-down DC/DC converter that can deliver up to 8A continuous
output current from a 2.7V to 5.5V input supply. The output
voltage is adjustable from 0.6V to VIN. With an adjustable current
limit, reverse current protection, prebias start and
over-temperature protection, the ISL8018 offers a highly robust
power solution. It uses current control architecture to deliver fast
transient response and excellent loop stability.
The ISL8018 integrates a pair of low ON-resistance P-channel
and N-channel internal MOSFETs to maximize efficiency and
minimize external component count. 100% duty-cycle operation
allows less than 250mV dropout at 8A output current. Adjustable
frequency and synchronization allow the ISL8018 to be used in
applications requiring low noise.
The ISL8018 can be configured for discontinuous or forced
continuous operation at light load. Forced continuous operation
reduces noise and RF interference while discontinuous mode
provides high efficiency by reducing switching losses at light loads.
The ISL8018 is offered in a space saving 20 Ld 3x4 QFN lead free
package with exposed pad lead frames for excellent thermal
performance. The complete converter occupies less than
96.8mm2 area.

Features
• High efficiency synchronous buck regulator with up to 97%
efficiency
• ±10% output voltage margining
• Adjustable current limit
• Start-up with prebiased output
• Internal soft-start - 1ms or adjustable, internal/external
compensation
• Soft-stop output discharge during disabled
• Adjustable frequency from 500kHz to 4MHz - default at 1MHz
• External synchronization up to 4MHz - master to slave phase
shifting capability
• Peak current limiting, hiccup mode short-circuit protection and
over-temperature protection

Applications
• DC/DC POL modules
• µC/µP, FPGA and DSP power
• Plug-in DC/DC modules for routers and switchers
• Portable instruments
• Test and measurement systems
• Li-ion battery powered devices




Similar Part No. - ISL8018

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL8018 RENESAS-ISL8018 Datasheet
1Mb / 21P
8A Low Quiescent Current High Efficiency Synchronous Buck Regulator
ISL8018DEMO1Z RENESAS-ISL8018DEMO1Z Datasheet
1Mb / 21P
8A Low Quiescent Current High Efficiency Synchronous Buck Regulator
ISL8018EVAL3Z RENESAS-ISL8018EVAL3Z Datasheet
1Mb / 21P
8A Low Quiescent Current High Efficiency Synchronous Buck Regulator
ISL8018IRAJZ RENESAS-ISL8018IRAJZ Datasheet
1Mb / 21P
8A Low Quiescent Current High Efficiency Synchronous Buck Regulator
More results


Similar Description - ISL8018

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL78213 INTERSIL-ISL78213 Datasheet
1Mb / 15P
3A Low Quiescent Current, High Efficiency Synchronous Buck Regulator
ISL78214 INTERSIL-ISL78214 Datasheet
1Mb / 15P
4A Low Quiescent Current High Efficiency Synchronous Buck Regulator
ISL8016 INTERSIL-ISL8016 Datasheet
1Mb / 22P
6A Low Quiescent Current High Efficiency Synchronous Buck Regulator
March 31, 2011
ISL8016_1105 INTERSIL-ISL8016_1105 Datasheet
1Mb / 22P
6A Low Quiescent Current High Efficiency Synchronous Buck Regulator
May 5, 2011
ISL78213ARZ INTERSIL-ISL78213ARZ Datasheet
1Mb / 16P
3A Low Quiescent Current, High Efficiency Synchronous Buck Regulator
May 12, 2015
ISL78214ARZ INTERSIL-ISL78214ARZ Datasheet
1Mb / 15P
4A Low Quiescent Current High Efficiency Synchronous Buck Regulator
May 12, 2015
logo
Renesas Technology Corp
ISL8016 RENESAS-ISL8016 Datasheet
1Mb / 22P
6A Low Quiescent Current High Efficiency Synchronous Buck Regulator
ISL8018 RENESAS-ISL8018 Datasheet
1Mb / 21P
8A Low Quiescent Current High Efficiency Synchronous Buck Regulator
ISL78213 RENESAS-ISL78213 Datasheet
2Mb / 17P
3A Low Quiescent Current, High Efficiency Synchronous Buck Regulator
ISL78214 RENESAS-ISL78214 Datasheet
1Mb / 15P
4A Low Quiescent Current High Efficiency Synchronous Buck Regulator
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com