Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL8204M Datasheet (PDF) - Renesas Technology Corp

ISL8204M Datasheet PDF - Renesas Technology Corp
Part # ISL8204M
Download  ISL8204M Download
File Size   1527.17 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Complete High Efficiency DC/DC Power Module

ISL8204M Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL8204M Datasheet PDF - Renesas Technology Corp

Part # ISL8204M
Download  ISL8204M Click to download

File Size   1527.17 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Complete High Efficiency DC/DC Power Module

ISL8204M Datasheet (HTML) - Renesas Technology Corp


ISL8204M Product details

Complete High Efficiency DC/DC Power Module

The ISL8204M, ISL8206M is a family of pin-compatible power modules to the ISL8201M. These are simple and easy to use, high power DC/DC modules and are ideal for a wide variety of applications. The ISL820xM family of high current DC/DC step-down modules virtually eliminate design and manufacturing risks while dramatically improving time to market.

Features
• Complete switch mode power supply in one package
    - ISL8204M - 4A with, 6.6A Peak
    - ISL8206M - 6A with, 8.8A Peak
• Single resistor sets VOUT +0.6V up to +6V at ±1%
• Up to 95% efficiency
• Overcurrent protection
• Internal soft-start with pre-bias output start-up
• Wide input voltage range from 1VDC to 20VDC
• Fast transient response

Applications
• Servers
• Telecom and datacom applications
• Industrial equipment
• Point of load regulation
• General purpose step-down DC/DC




Similar Part No. - ISL8204M

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8204M INTERSIL-ISL8204M Datasheet
1Mb / 20P
Complete High Efficiency DC/DC Power Module
February 25, 2010
ISL8204MIRZ INTERSIL-ISL8204MIRZ Datasheet
1Mb / 20P
Complete High Efficiency DC/DC Power Module
February 25, 2010
More results


Similar Description - ISL8204M

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8201M INTERSIL-ISL8201M Datasheet
886Kb / 16P
10A, High Efficiency DC/DC Module
July 16, 2009
ISL8204M INTERSIL-ISL8204M Datasheet
1Mb / 20P
Complete High Efficiency DC/DC Power Module
February 25, 2010
ISL8201MIRZ-T INTERSIL-ISL8201MIRZ-T Datasheet
887Kb / 16P
10A, High Efficiency DC/DC Module
October 21, 2010
logo
Linear Technology
LTM4602 LINER-LTM4602_15 Datasheet
337Kb / 24P
6A High Efficiency DC/DC Module
LTM4600 LINER-LTM4600_15 Datasheet
427Kb / 26P
10A High Efficiency DC/DC Module
logo
Intersil Corporation
ISL8216M INTERSIL-ISL8216M Datasheet
1Mb / 29P
Complete High Voltage 80V, 4A DC/DC Power Module
May 9, 2014
logo
Renesas Technology Corp
ISL8201M RENESAS-ISL8201M Datasheet
1Mb / 16P
10A, High Efficiency DC/DC Module
ISL8216M RENESAS-ISL8216M Datasheet
1Mb / 29P
Complete High Voltage 80V, 4A DC/DC Power Module
logo
Cyntec Co., Ltd.
VPN12AD1E-FU CYNTEC-VPN12AD1E-FU Datasheet
815Kb / 12P
High Efficiency DC/DC Power Module
logo
Renesas Technology Corp
ISL8200MM RENESAS-ISL8200MM Datasheet
1Mb / 24P
Complete Current Share 10A DC/DC Power Module
Mar 15, 2013
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com