Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL8200MM Datasheet (PDF) - Renesas Technology Corp

ISL8200MM Datasheet PDF - Renesas Technology Corp
Part # ISL8200MM
Download  ISL8200MM Download
File Size   1521.29 Kbytes
Page   24 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Complete Current Share 10A DC/DC Power Module

ISL8200MM Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL8200MM Datasheet PDF - Renesas Technology Corp

Part # ISL8200MM
Download  ISL8200MM Click to download

File Size   1521.29 Kbytes
Page   24 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Complete Current Share 10A DC/DC Power Module

ISL8200MM Datasheet (HTML) - Renesas Technology Corp


ISL8200MM Product details

Features
• Specifications per DLA VID V62/10608
• Full mil-temp electrical performance from -55°C to +125°C
• Full traceability through assembly and test by date/trace
code assignment
• Enhanced process change notification
• Enhanced obsolescence management
• Complete switch mode power supply in one package
• Patented current share architecture reduces layout sensitivity
when modules are paralleled
• Programmable phase shift (1, 2, 3, 4, and 6 phase)
• Extremely low profile (2.2mm height)
• Input voltage range +3.0V to +20V at 10A, current share up to
60A
• A Single resistor sets VOUT from +0.6V to +6V
• Output overvoltage, overcurrent and over-temperature, built-in
protection and undervoltage indication
Applications
• Servers, telecom and datacom applications
• Industrial and medical equipment
• Point of load regulation




Similar Part No. - ISL8200MM

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8200M INTERSIL-ISL8200M Datasheet
1Mb / 23P
Complete Current Share 10A DC/DC Power Supply
December 22, 2009
ISL8200M INTERSIL-ISL8200M Datasheet
1Mb / 23P
Complete Current Share 10A DC/DC Power Module
February 26, 2010
logo
Renesas Technology Corp
ISL8200M RENESAS-ISL8200M Datasheet
2Mb / 25P
Complete Current Share 10A DC/DC Power Module
ISL8200MEVAL1PHZ RENESAS-ISL8200MEVAL1PHZ Datasheet
2Mb / 25P
Complete Current Share 10A DC/DC Power Module
logo
Intersil Corporation
ISL8200MIRZ INTERSIL-ISL8200MIRZ Datasheet
1Mb / 23P
Complete Current Share 10A DC/DC Power Supply
December 22, 2009
More results


Similar Description - ISL8200MM

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8200M INTERSIL-ISL8200M Datasheet
1Mb / 23P
Complete Current Share 10A DC/DC Power Supply
December 22, 2009
ISL8204M INTERSIL-ISL8204M Datasheet
1Mb / 20P
Complete High Efficiency DC/DC Power Module
February 25, 2010
ISL8200M INTERSIL-ISL8200M_10 Datasheet
1Mb / 23P
Complete Current Share 10A DC/DC Power Module
February 26, 2010
ISL8200AM INTERSIL-ISL8200AM Datasheet
1Mb / 24P
Complete Current Share 10A DC/DC Power Module
September 13, 2012
ISL8200AMM INTERSIL-ISL8200AMM Datasheet
1Mb / 24P
Complete Current Share 10A DC/DC Power Module
November 27, 2012
ZL9010M INTERSIL-ZL9010M Datasheet
1Mb / 30P
Digital DC/DC PMBus 10A Power Module
March 5, 2013
logo
Renesas Technology Corp
ISL8200M RENESAS-ISL8200M Datasheet
2Mb / 25P
Complete Current Share 10A DC/DC Power Module
ISL8200AM RENESAS-ISL8200AM Datasheet
1Mb / 25P
Complete Current Share 10A DC/DC Power Module
ISL8204M RENESAS-ISL8204M Datasheet
1Mb / 19P
Complete High Efficiency DC/DC Power Module
ISL8200AMM RENESAS-ISL8200AMM Datasheet
1Mb / 24P
Complete Current Share 10A DC/DC Power Module
June 3, 2015
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com