Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL8200AM Datasheet (PDF) - Intersil Corporation

ISL8200AM Datasheet PDF - Intersil Corporation
Part # ISL8200AM
Download  ISL8200AM Download
File Size   1253.14 Kbytes
Page   24 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Complete Current Share 10A DC/DC Power Module

ISL8200AM Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL8200AM Datasheet PDF - Intersil Corporation

Part # ISL8200AM
Download  ISL8200AM Click to download

File Size   1253.14 Kbytes
Page   24 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Complete Current Share 10A DC/DC Power Module

ISL8200AM Datasheet (HTML) - Intersil Corporation


ISL8200AM Product details

Complete Current Share 10A DC/DC Power Module

The ISL8200AM is a simple and easy to use high power, current-sharing DC/DC power module for Datacom/Telecom/FPGA power hungry applications. All that is needed is the ISL8200AM, a few passive components and one VOUT setting resistor to have a complete 10A design ready for market.

Features

• Complete Switch Mode Power Supply in One Package

• Patented Current Share Architecture Reduces Layout

   Sensitivity when Modules are Paralleled

• Programmable Phase Shift (1 to 6 Phase)

• Extremely Low Profile (2.2mm Height)

• Input Voltage Range +3.0V to +20V at 10A, Current Share up to 60A

• A Single Resistor Sets VOUT from +0.6V to +6V

• Output Overvoltage, Overcurrent and Over-Temperature

   Protection and Undervoltage Indication

• RoHS Compliant



Applications

• Servers, Telecom and Datacom Applications

• Industrial and Medical Equipment

• Point of Load Regulation



 




Similar Part No. - ISL8200AM

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL8200AM RENESAS-ISL8200AM Datasheet
1Mb / 25P
Complete Current Share 10A DC/DC Power Module
ISL8200AMEV1PHZ RENESAS-ISL8200AMEV1PHZ Datasheet
1Mb / 25P
Complete Current Share 10A DC/DC Power Module
ISL8200AMIRZ RENESAS-ISL8200AMIRZ Datasheet
1Mb / 25P
Complete Current Share 10A DC/DC Power Module
ISL8200AMIRZ-T RENESAS-ISL8200AMIRZ-T Datasheet
1Mb / 25P
Complete Current Share 10A DC/DC Power Module
logo
Intersil Corporation
ISL8200AMM INTERSIL-ISL8200AMM Datasheet
1Mb / 24P
Complete Current Share 10A DC/DC Power Module
November 27, 2012
More results


Similar Description - ISL8200AM

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8200M INTERSIL-ISL8200M Datasheet
1Mb / 23P
Complete Current Share 10A DC/DC Power Supply
December 22, 2009
ISL8204M INTERSIL-ISL8204M Datasheet
1Mb / 20P
Complete High Efficiency DC/DC Power Module
February 25, 2010
ISL8200M INTERSIL-ISL8200M_10 Datasheet
1Mb / 23P
Complete Current Share 10A DC/DC Power Module
February 26, 2010
ISL8200AMM INTERSIL-ISL8200AMM Datasheet
1Mb / 24P
Complete Current Share 10A DC/DC Power Module
November 27, 2012
ZL9010M INTERSIL-ZL9010M Datasheet
1Mb / 30P
Digital DC/DC PMBus 10A Power Module
March 5, 2013
logo
Renesas Technology Corp
ISL8200M RENESAS-ISL8200M Datasheet
2Mb / 25P
Complete Current Share 10A DC/DC Power Module
ISL8200AM RENESAS-ISL8200AM Datasheet
1Mb / 25P
Complete Current Share 10A DC/DC Power Module
ISL8204M RENESAS-ISL8204M Datasheet
1Mb / 19P
Complete High Efficiency DC/DC Power Module
ISL8200AMM RENESAS-ISL8200AMM Datasheet
1Mb / 24P
Complete Current Share 10A DC/DC Power Module
June 3, 2015
ISL8200MM RENESAS-ISL8200MM Datasheet
1Mb / 24P
Complete Current Share 10A DC/DC Power Module
Mar 15, 2013
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com