Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL8240M Datasheet (PDF) - Renesas Technology Corp

ISL8240M Datasheet PDF - Renesas Technology Corp
Part # ISL8240M
Download  ISL8240M Download
File Size   1732.34 Kbytes
Page   31 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual 20A/Single 40A Step-Down Power Module

ISL8240M Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL8240M Datasheet PDF - Renesas Technology Corp

Part # ISL8240M
Download  ISL8240M Click to download

File Size   1732.34 Kbytes
Page   31 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual 20A/Single 40A Step-Down Power Module

ISL8240M Datasheet (HTML) - Renesas Technology Corp




Similar Part No. - ISL8240M

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8240M INTERSIL-ISL8240M Datasheet
1Mb / 31P
Dual 20A/Single 40A Step-Down Power Module
January 7, 2015
ISL8240MEVAL3Z INTERSIL-ISL8240MEVAL3Z Datasheet
1Mb / 31P
Dual 20A/Single 40A Step-Down Power Module
January 7, 2015
ISL8240MEVAL4Z INTERSIL-ISL8240MEVAL4Z Datasheet
1Mb / 31P
Dual 20A/Single 40A Step-Down Power Module
January 7, 2015
ISL8240MIRZ INTERSIL-ISL8240MIRZ Datasheet
1Mb / 31P
Dual 20A/Single 40A Step-Down Power Module
January 7, 2015
More results


Similar Description - ISL8240M

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8225M INTERSIL-ISL8225M Datasheet
1Mb / 28P
Dual 15A/Single 30A Step-Down Power Module
December 3, 2012
ISL8225M INTERSIL-ISL8225M_13 Datasheet
1Mb / 28P
Dual 15A/Single 30A Step-Down Power Module
logo
Linear Technology
LTM4637 LINER-LTM4637_15 Datasheet
615Kb / 30P
20A DC/DC Module Step-Down Regulator
logo
Exar Corporation
XR79120 EXAR-XR79120 Datasheet
2Mb / 19P
22V, 20A Synchronous Step Down COT Power Module
logo
Intersil Corporation
ISL8203M INTERSIL-ISL8203M Datasheet
1Mb / 18P
Dual 3A/Single 6A Step-Down DC/DC Power Module
ISL8240M INTERSIL-ISL8240M Datasheet
1Mb / 31P
Dual 20A/Single 40A Step-Down Power Module
January 7, 2015
logo
Monolithic Power System...
MPM3686 MPS-MPM3686 Datasheet
2Mb / 19P
18V 20A Step-Down Power Module in 12x15x4mm QFN
logo
Renesas Technology Corp
ISL8203M RENESAS-ISL8203M Datasheet
1Mb / 18P
Dual 3A/Single 6A Step-Down DC/DC Power Module
ISL8225M RENESAS-ISL8225M Datasheet
1Mb / 34P
Dual 15A/Single 30A Step-Down Power Module
logo
Monolithic Power System...
EVM3686-RU-00A MPS-EVM3686-RU-00A Datasheet
448Kb / 7P
18V 20A Step-Down Power Module Evaluation Board
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com