Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL8225M Datasheet (PDF) - Renesas Technology Corp

ISL8225M Datasheet PDF - Renesas Technology Corp
Part # ISL8225M
Download  ISL8225M Download
File Size   1720.73 Kbytes
Page   34 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual 15A/Single 30A Step-Down Power Module

ISL8225M Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL8225M Datasheet PDF - Renesas Technology Corp

Part # ISL8225M
Download  ISL8225M Click to download

File Size   1720.73 Kbytes
Page   34 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual 15A/Single 30A Step-Down Power Module

ISL8225M Datasheet (HTML) - Renesas Technology Corp




Similar Part No. - ISL8225M

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8225M INTERSIL-ISL8225M Datasheet
1Mb / 28P
Dual 15A/Single 30A Step-Down Power Module
December 3, 2012
ISL8225MEVAL2Z INTERSIL-ISL8225MEVAL2Z Datasheet
4Mb / 12P
ISL8225MEVAL2Z 6-Phase, 90A Evaluation Board Setup Procedure
December 3, 2012
ISL8225MEVAL3Z INTERSIL-ISL8225MEVAL3Z Datasheet
1Mb / 7P
ISL8225MEVAL3Z 30A, Single Output Evaluation Board Setup Procedure
December 3, 2012
ISL8225MEVAL4Z INTERSIL-ISL8225MEVAL4Z Datasheet
2Mb / 9P
ISL8225MEVAL4Z Dual 15A/Optional 30A Cascadable Evaluation Board Setup Procedure
December 6, 2012
ISL8225MIRZ INTERSIL-ISL8225MIRZ Datasheet
4Mb / 12P
ISL8225MEVAL2Z 6-Phase, 90A Evaluation Board Setup Procedure
December 3, 2012
More results


Similar Description - ISL8225M

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8225M INTERSIL-ISL8225M Datasheet
1Mb / 28P
Dual 15A/Single 30A Step-Down Power Module
December 3, 2012
ISL8225M INTERSIL-ISL8225M_13 Datasheet
1Mb / 28P
Dual 15A/Single 30A Step-Down Power Module
logo
Exar Corporation
XR79115 EXAR-XR79115 Datasheet
2Mb / 19P
22V, 15A Synchronous Step Down COT Power Module
logo
Renesas Technology Corp
ISL8215M RENESAS-ISL8215M Datasheet
1Mb / 41P
15A 42V Single-Channel DC/DC Step-Down Power Module
ISL8274M RENESAS-ISL8274M Datasheet
3Mb / 81P
30A/30A Dual-Channel Digital PMBus Step-Down Power Module
logo
Monolithic Power System...
EVM3684-RU-00A MPS-EVM3684-RU-00A Datasheet
497Kb / 7P
18V 15A Step-Down Power Module Evaluation Board
logo
Renesas Technology Corp
RAA210130 RENESAS-RAA210130 Datasheet
3Mb / 105P
15V, 30A Single Channel Digital PMBus Step-Down Power Module
Oct 6, 2022
RAA210610 RENESAS-RAA210610 Datasheet
1Mb / 40P
15A, 54V Single-Channel DC/DC Step-Down Power Module
Feb.2.21
ISL8212M RENESAS-ISL8212M Datasheet
2Mb / 41P
15A High Efficiency Step-Down Power Module
Feb 15, 2019
logo
Monolithic Power System...
MPM3683-20 MPS-MPM3683-20 Datasheet
1Mb / 23P
2.7V to 16V, 15A, Step-Down Power Module
Rev. 1.0 3/1/2023
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com