Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL8215M Datasheet (PDF) - Renesas Technology Corp

ISL8215M Datasheet PDF - Renesas Technology Corp
Part # ISL8215M
Download  ISL8215M Download
File Size   2037.24 Kbytes
Page   41 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 15A 42V Single-Channel DC/DC Step-Down Power Module

ISL8215M Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL8215M Datasheet PDF - Renesas Technology Corp

Part # ISL8215M
Download  ISL8215M Click to download

File Size   2037.24 Kbytes
Page   41 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 15A 42V Single-Channel DC/DC Step-Down Power Module

ISL8215M Datasheet (HTML) - Renesas Technology Corp




Similar Part No. - ISL8215M

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL8210M RENESAS-ISL8210M Datasheet
2Mb / 41P
10A High Efficiency Step-Down Power Module
Feb 15, 2019
ISL8210MEVAL1Z RENESAS-ISL8210MEVAL1Z Datasheet
2Mb / 41P
10A High Efficiency Step-Down Power Module
Feb 15, 2019
ISL8210MFRZ RENESAS-ISL8210MFRZ Datasheet
2Mb / 41P
10A High Efficiency Step-Down Power Module
Feb 15, 2019
ISL8210MFRZ-T RENESAS-ISL8210MFRZ-T Datasheet
2Mb / 41P
10A High Efficiency Step-Down Power Module
Feb 15, 2019
ISL8210MFRZ-T1 RENESAS-ISL8210MFRZ-T1 Datasheet
2Mb / 41P
10A High Efficiency Step-Down Power Module
Feb 15, 2019
More results


Similar Description - ISL8215M

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8202M INTERSIL-ISL8202M Datasheet
1Mb / 25P
3A Single Channel High Efficiency DC/DC Step-Down Power Module
ISL8203M INTERSIL-ISL8203M Datasheet
1Mb / 18P
Dual 3A/Single 6A Step-Down DC/DC Power Module
ISL8205M INTERSIL-ISL8205M Datasheet
893Kb / 25P
5A Single Channel High Efficiency DC/DC Step-Down Power Module
logo
Shenzhen Huazhimei Semi...
HM4523 HMSEMI-HM4523 Datasheet
662Kb / 8P
42V 3A CC/CV Step-Down DC/DC Converter
HM4533A HMSEMI-HM4533A Datasheet
622Kb / 8P
42V 3A CC/CV Step-Down DC/DC Converter
HM4533A-E HMSEMI-HM4533A-E Datasheet
622Kb / 8P
42V 3A CC/CV Step-Down DC/DC Converter
HM4523-E HMSEMI-HM4523-E Datasheet
662Kb / 8P
42V 3A CC/CV Step-Down DC/DC Converter
logo
Renesas Technology Corp
RAA210610 RENESAS-RAA210610 Datasheet
1Mb / 40P
15A, 54V Single-Channel DC/DC Step-Down Power Module
Feb.2.21
ISL8202M RENESAS-ISL8202M Datasheet
1Mb / 25P
3A Single Channel High Efficiency DC/DC Step-Down Power Module
Mar 17, 2017
ISL8205M RENESAS-ISL8205M Datasheet
2Mb / 26P
5A Single Channel High Efficiency DC/DC Step-Down Power Module
Jun 24, 2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com