Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL8202M Datasheet (PDF) - Renesas Technology Corp

ISL8202M Datasheet PDF - Renesas Technology Corp
Part # ISL8202M
Download  ISL8202M Download
File Size   1632.19 Kbytes
Page   25 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3A Single Channel High Efficiency DC/DC Step-Down Power Module

ISL8202M Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL8202M Datasheet PDF - Renesas Technology Corp

Part # ISL8202M
Download  ISL8202M Click to download

File Size   1632.19 Kbytes
Page   25 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3A Single Channel High Efficiency DC/DC Step-Down Power Module

ISL8202M Datasheet (HTML) - Renesas Technology Corp


ISL8202M Product details

Features
• 3A single channel complete power supply
- Integrates controller, MOSFETs and inductor
- Pin compatible with the 5A ISL8205M
• 2.6V to 5.5V input voltage range
• Adjustable output voltage range
- As low as 0.6V with ±1.6% accuracy over
line/load/temperature
- Up to 95% efficiency
• Default 1.8MHz current mode control operations
- 680kHz to 3.5MHz resistor adjustable
- External synchronization up to 3.5MHz
- Selectable light-load efficiency mode
- 100% duty cycle LDO mode
• Programmable soft-start
• Soft-stop output discharge
• Dedicated enable pin and power-good flag
• UVLO, over-temperature, overcurrent, overvoltage and
negative overcurrent protections
- Overcurrent/short-circuit hiccup mode
• 4.5mmx7.5mmx1.85mm 22 Ld QFN package




Similar Part No. - ISL8202M

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8202M INTERSIL-ISL8202M Datasheet
1Mb / 25P
3A Single Channel High Efficiency DC/DC Step-Down Power Module
More results


Similar Description - ISL8202M

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G5656 GMT-G5656 Datasheet
171Kb / 2P
3A Step-down DC/DC
G5764 GMT-G5764 Datasheet
81Kb / 1P
3A Step-down DC/DC
G5753 GMT-G5753 Datasheet
90Kb / 1P
3A Step-down DC/DC
logo
Intersil Corporation
ISL8202M INTERSIL-ISL8202M Datasheet
1Mb / 25P
3A Single Channel High Efficiency DC/DC Step-Down Power Module
ISL8203M INTERSIL-ISL8203M Datasheet
1Mb / 18P
Dual 3A/Single 6A Step-Down DC/DC Power Module
ISL8205M INTERSIL-ISL8205M Datasheet
893Kb / 25P
5A Single Channel High Efficiency DC/DC Step-Down Power Module
logo
Maxim Integrated Produc...
MAXM17574 MAXIM-MAXM17574 Datasheet
1Mb / 21P
4.5V to 60V, 3A High-Efficiency, DC-DC Step-Down Power Module with Integrated Inductor
Rev 1; 9/17
logo
Renesas Technology Corp
ISL8203M RENESAS-ISL8203M Datasheet
1Mb / 18P
Dual 3A/Single 6A Step-Down DC/DC Power Module
logo
Maxim Integrated Produc...
MAXM17574 MAXIM-MAXM17574_V01 Datasheet
1Mb / 22P
4.5V to 60V, 3A High-Efficiency, DC-DC Step-Down Power Module with Integrated Inductor
2019
logo
Renesas Technology Corp
ISL8205M RENESAS-ISL8205M Datasheet
2Mb / 26P
5A Single Channel High Efficiency DC/DC Step-Down Power Module
Jun 24, 2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com