Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL8205M Datasheet (PDF) - Renesas Technology Corp

ISL8205M Datasheet PDF - Renesas Technology Corp
Part # ISL8205M
Download  ISL8205M Download
File Size   2609.52 Kbytes
Page   26 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 5A Single Channel High Efficiency DC/DC Step-Down Power Module

ISL8205M Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL8205M Datasheet PDF - Renesas Technology Corp

Part # ISL8205M
Download  ISL8205M Click to download

File Size   2609.52 Kbytes
Page   26 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 5A Single Channel High Efficiency DC/DC Step-Down Power Module

ISL8205M Datasheet (HTML) - Renesas Technology Corp


ISL8205M Product details

Features
• 5A single channel complete power supply
- Integrates controller, MOSFETs and inductor
- Pin/function compatible with the 3A ISL8202M
• 2.6V to 5.5V input voltage range
• Adjustable output voltage range
- As low as 0.6V with ±1.6% accuracy over
line/load/temperature
- Up to 95% efficiency
• Default 1.8MHz current mode control operations
- 680kHz to 3.5MHz resistor adjustable
- External synchronization up to 3.5MHz
- Selectable light-load efficiency mode
- 100% duty cycle LDO mode
• Programmable soft-start
• Soft-stop output discharge
• Dedicated enable pin and power-good flag
• UVLO, over-temperature, overcurrent, overvoltage and
negative overcurrent protections
- Overcurrent/short-circuit hiccup mode
• 4.5mmx7.5mmx1.85mm 22 Ld QFN package




Similar Part No. - ISL8205M

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8205M INTERSIL-ISL8205M Datasheet
893Kb / 25P
5A Single Channel High Efficiency DC/DC Step-Down Power Module
More results


Similar Description - ISL8205M

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4625 LINER-LTM4625_15 Datasheet
455Kb / 24P
20VIN, 5A Step-Down DC/DC Module Regulator
LTM4634 LINER-LTM4634_15 Datasheet
746Kb / 32P
Triple Output 5A/5A/4A Step-Down DC/DC Module Regulator
logo
Global Mixed-mode Techn...
G5676 GMT-G5676 Datasheet
39Kb / 1P
5A Synchronous Step-Down DC/DC
logo
Intersil Corporation
ISL8202M INTERSIL-ISL8202M Datasheet
1Mb / 25P
3A Single Channel High Efficiency DC/DC Step-Down Power Module
ISL8205M INTERSIL-ISL8205M Datasheet
893Kb / 25P
5A Single Channel High Efficiency DC/DC Step-Down Power Module
logo
Linear Technology
LTM4625 LINER-LTM4625 Datasheet
1Mb / 26P
20VIN, 5A Step-Down DC/DC 關Module Regulator
logo
Renesas Technology Corp
ISL8215M RENESAS-ISL8215M Datasheet
1Mb / 41P
15A 42V Single-Channel DC/DC Step-Down Power Module
logo
Maxim Integrated Produc...
MAXM17546 MAXIM-MAXM17546 Datasheet
914Kb / 23P
4.5V to 42V, 5A High-Efficiency, DC-DC Step-Down Power Module with Integrated Inductor
19-100146; Rev 0; 4/18
logo
Renesas Technology Corp
RAA210610 RENESAS-RAA210610 Datasheet
1Mb / 40P
15A, 54V Single-Channel DC/DC Step-Down Power Module
Feb.2.21
ISL8202M RENESAS-ISL8202M Datasheet
1Mb / 25P
3A Single Channel High Efficiency DC/DC Step-Down Power Module
Mar 17, 2017
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com