Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAA210610 Datasheet (PDF) - Renesas Technology Corp

RAA210610 Datasheet PDF - Renesas Technology Corp
Part # RAA210610
Download  RAA210610 Download
File Size   1249.29 Kbytes
Page   40 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 15A, 54V Single-Channel DC/DC Step-Down Power Module

RAA210610 Datasheet (PDF)

Go To PDF Page Download Datasheet
RAA210610 Datasheet PDF - Renesas Technology Corp

Part # RAA210610
Download  RAA210610 Click to download

File Size   1249.29 Kbytes
Page   40 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 15A, 54V Single-Channel DC/DC Step-Down Power Module

RAA210610 Datasheet (HTML) - Renesas Technology Corp


RAA210610 Product details

Features
• Up to 15A single-channel complete power supply
○ Integrates controller, MOSFETs, and inductor
• 7V to 54V wide input voltage range
• Adjustable output voltage
○ 0.6V to 42V wide output voltage range
○ ±1.5% accuracy over line, load, and temperature
○ Up to 97.6% efficiency
• 300kHz to 2MHz adjustable PWM operations
○ External synchronization up to 1MHz
○ Selectable light-load PSM/DEM efficiency mode
• Enable pin and power-good flag
• Programmable soft-start or voltage tracking
• Complete protection
○ UVLO, programmable overcurrent, overvoltage,
and over-temperature
○ Prebias output start-up
• Compact RoHS compliant 19mmx13mmx5.3mm
HDA package




Similar Part No. - RAA210610

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RAA210030 RENESAS-RAA210030 Datasheet
3Mb / 27P
5V, 3A Step-Down DC/DC Mini Module with Integrated Inductor
Jun 15, 2022
RAA210030 RENESAS-RAA210030 Datasheet
3Mb / 27P
5V, 3A Step-Down DC/DC Mini Module with Integrated Inductor
Jun 15, 2023
RAA210030 RENESAS-RAA210030_V01 Datasheet
3Mb / 27P
5V, 3A Step-Down DC/DC Mini Module with Integrated Inductor
Jun 15, 2023
RAA210040 RENESAS-RAA210040 Datasheet
999Kb / 25P
5V, 4A Step-Down DC/DC Mini Module with Integrated Inductor
Apr 13, 2021
RAA210040 RENESAS-RAA210040 Datasheet
2Mb / 13P
Demonstration Board Manual
Apr 14, 2021 Rev.1.1
More results


Similar Description - RAA210610

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8225M INTERSIL-ISL8225M Datasheet
1Mb / 28P
Dual 15A/Single 30A Step-Down Power Module
December 3, 2012
ISL8225M INTERSIL-ISL8225M_13 Datasheet
1Mb / 28P
Dual 15A/Single 30A Step-Down Power Module
ISL8202M INTERSIL-ISL8202M Datasheet
1Mb / 25P
3A Single Channel High Efficiency DC/DC Step-Down Power Module
ISL8203M INTERSIL-ISL8203M Datasheet
1Mb / 18P
Dual 3A/Single 6A Step-Down DC/DC Power Module
ISL8205M INTERSIL-ISL8205M Datasheet
893Kb / 25P
5A Single Channel High Efficiency DC/DC Step-Down Power Module
logo
Renesas Technology Corp
ISL8203M RENESAS-ISL8203M Datasheet
1Mb / 18P
Dual 3A/Single 6A Step-Down DC/DC Power Module
ISL8215M RENESAS-ISL8215M Datasheet
1Mb / 41P
15A 42V Single-Channel DC/DC Step-Down Power Module
ISL8202M RENESAS-ISL8202M Datasheet
1Mb / 25P
3A Single Channel High Efficiency DC/DC Step-Down Power Module
Mar 17, 2017
ISL8205M RENESAS-ISL8205M Datasheet
2Mb / 26P
5A Single Channel High Efficiency DC/DC Step-Down Power Module
Jun 24, 2022
logo
Analog Devices
LTM4638 AD-LTM4638 Datasheet
2Mb / 30P
20VIN, 15A Step-Down DC/DC μModule Regulator
Rev. C
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com