Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAA210040 Datasheet (PDF) - Renesas Technology Corp

RAA210040 Datasheet PDF - Renesas Technology Corp
Part # RAA210040
Download  RAA210040 Download
File Size   2137.02 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Demonstration Board Manual

RAA210040 Datasheet (PDF)

Go To PDF Page Download Datasheet
RAA210040 Datasheet PDF - Renesas Technology Corp

Part # RAA210040
Download  RAA210040 Click to download

File Size   2137.02 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Demonstration Board Manual

RAA210040 Datasheet (HTML) - Renesas Technology Corp


RAA210040 Product details

The RTKA210040DR0000BU demonstration board
(shown in Figure 2 and Figure 3) features the
RAA210040. Capable of delivering up to 4A of
continuous current, the RAA210040 is a compact,
synchronous step-down, non-isolated complete
power supply that is optimized for space-constrained
applications. The RAA210040 is based on a peak
current mode PWM control scheme that provides a
fast transient response and excellent loop stability.
The switching frequency is programmable from
500kHz to 4MHz with either the external resistor or
synchronization to an external clock through the
SYNC pin.
The RTKA210040DR0000BU demonstration board is
a 1×1 inch 4-layer FR4 board with 2oz. copper on all
layers. It is optimized to minimize the complete power
module solution size. Operating from a single 2.7V to
5.5V input power rail, the RTKA210040DR0000BU
demonstration board offers adjustable output voltages
down to 0.6V, up to 95% efficiency, and better than
1.5% accuracy over line, load, and temperature. A
dedicated enable pin and power-good flag allow for
easy system power rails sequencing.
By default, the board is set to a 1.2V output voltage
with a 1.2MHz switching frequency.

Features
▪ Wide input voltage range from 2.7V to 5.5V
▪ Adjustable output voltage down to 0.6V with ±1.5%
accuracy over line, load, and temperature
▪ Up to 95% conversion efficiency
▪ 100% duty cycle
▪ Internal 1ms soft-start time
▪ Prebias output start-up
▪ External frequency synchronization up to 4MHz
▪ Dedicated enable pin and PGOOD flag
▪ UVLO, overcurrent, negative overcurrent,
overvoltage, and over-temperature protections

Specifications
The demonstration board is configured and optimized
for the following operating conditions:
▪ VIN = 2.7V to 5.5V
▪ VOUT = 1.2V
▪ IOUT-MAX = 4A
▪ fSW = 1.2MHz




Similar Part No. - RAA210040

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RAA210040 RENESAS-RAA210040 Datasheet
999Kb / 25P
5V, 4A Step-Down DC/DC Mini Module with Integrated Inductor
Apr 13, 2021
RAA210040 RENESAS-RAA210040 Datasheet
993Kb / 25P
5V, 4A Step-Down DC/DC Mini Module with Integrated Inductor
Jun 15, 2023
RAA210040 RENESAS-RAA210040_V01 Datasheet
993Kb / 25P
5V, 4A Step-Down DC/DC Mini Module with Integrated Inductor
Jun 15, 2023
More results


Similar Description - RAA210040

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
71117 VISHAY-71117 Datasheet
201Kb / 11P
SI9113 Demonstration Board
29-Feb-00
SIP11203DB VISHAY-SIP11203DB Datasheet
436Kb / 12P
Demonstration Board
12-Jun-06
logo
Winbond
ISD-ES502 WINBOND-ISD-ES502 Datasheet
242Kb / 7P
Demonstration Board
ISD-ES002 WINBOND-ISD-ES002 Datasheet
152Kb / 1P
Parrot Demonstration Board
ES302 WINBOND-ES302 Datasheet
362Kb / 4P
ES302 DEMONSTRATION BOARD
logo
STMicroelectronics
STEVAL-MKI126V1 STMICROELECTRONICS-STEVAL-MKI126V1 Datasheet
596Kb / 9P
STSmartVoice demonstration board
18-Sep-2012
STEVAL-MKI126V3 STMICROELECTRONICS-STEVAL-MKI126V3 Datasheet
568Kb / 9P
STSmartVoice demonstration board
18-Sep-2012
UM1569 STMICROELECTRONICS-UM1569 Datasheet
1Mb / 24P
SmartPlugW demonstration board
26-Mar-2013
AN3094 STMICROELECTRONICS-AN3094 Datasheet
364Kb / 8P
EVAL2293Q demonstration board
06-May-2010
AN3244 STMICROELECTRONICS-AN3244 Datasheet
565Kb / 9P
EVAL6230QR demonstration board
26-Nov-2010
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com