Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAA210040 Datasheet (PDF) - Renesas Technology Corp

RAA210040 Datasheet PDF - Renesas Technology Corp
Part # RAA210040
Download  RAA210040 Download
File Size   993.3 Kbytes
Page   25 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 5V, 4A Step-Down DC/DC Mini Module with Integrated Inductor

RAA210040 Datasheet (PDF)

Go To PDF Page Download Datasheet
RAA210040 Datasheet PDF - Renesas Technology Corp

Part # RAA210040
Download  RAA210040 Click to download

File Size   993.3 Kbytes
Page   25 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 5V, 4A Step-Down DC/DC Mini Module with Integrated Inductor

RAA210040 Datasheet (HTML) - Renesas Technology Corp


RAA210040 Product details

▪ 4A complete power supply
• Integrates controller, gate driver, MOSFETs, and
inductor
▪ 2.7V to 5.5V input voltage range
▪ Adjustable output voltage
• As low as 0.6V with ±1.5% accuracy over line,
load, and temperature
• Up to 95% efficiency
▪ Default 2MHz current mode control operation
• 500kHz to 4MHz resistor adjustable
• External synchronization up to 4MHz
• 100% duty cycle
▪ Dedicated enable pin and power-good flag
▪ Internal 1ms soft start-up time
▪ Soft-stop output discharge
▪ UVLO, OCP, negative OCP, OVP, and OTP
• OCP/Short-Circuit Protection (SCP) hiccup mode
▪ Compact RoHS compliant 3mmx3mmx1.7mm
10 lead dual flat embedded laminate package




Similar Part No. - RAA210040

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RAA210040 RENESAS-RAA210040 Datasheet
999Kb / 25P
5V, 4A Step-Down DC/DC Mini Module with Integrated Inductor
Apr 13, 2021
RAA210040 RENESAS-RAA210040 Datasheet
2Mb / 13P
Demonstration Board Manual
Apr 14, 2021 Rev.1.1
More results


Similar Description - RAA210040

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4624 LINER-LTM4624_15 Datasheet
381Kb / 26P
14VIN, 4A Step-Down DC/DC Module Regulator
logo
Monolithic Power System...
MPM3606A MPS-MPM3606A Datasheet
1Mb / 23P
21V/0.6A DC/DC Module Synchronous Step-Down Converter with Integrated Inductor
MPM3610A MPS-MPM3610A Datasheet
805Kb / 23P
21V/1.2A DC/DC Module Synchronous Step-Down Converter with Integrated Inductor
MPM3630 MPS-MPM3630 Datasheet
1Mb / 20P
18V/3A DC/DC Module Synchronous Step-Down Regulator with Integrated Inductor
logo
Linear Technology
LTM4624 LINER-LTM4624 Datasheet
347Kb / 26P
14VIN, 4A Step-Down DC/DC 關Module Regulator
logo
Intel Corporation
EN6340QI INTEL-EN6340QI Datasheet
2Mb / 28P
Step-Down DC-DC Switching Converter with Integrated Inductor
logo
Maxim Integrated Produc...
MAXM17536 MAXIM-MAXM17536 Datasheet
1Mb / 22P
4.5V to 60V, 4A High-Efficiency, DC-DC Step-Down SiP Power Module with Integrated Inductor
Rev 1; 8/19
logo
Intel Corporation
EN6363QI INTEL-EN6363QI Datasheet
1Mb / 28P
Step-Down DC-DC Switching Converter with Integrated Inductor
July 19, 2017 Rev A
logo
Renesas Technology Corp
RAA210030 RENESAS-RAA210030 Datasheet
3Mb / 27P
5V, 3A Step-Down DC/DC Mini Module with Integrated Inductor
Jun 15, 2022
RAA210040 RENESAS-RAA210040 Datasheet
999Kb / 25P
5V, 4A Step-Down DC/DC Mini Module with Integrated Inductor
Apr 13, 2021
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com