Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL8500 Datasheet (PDF) - Renesas Technology Corp

ISL8500 Datasheet PDF - Renesas Technology Corp
Part # ISL8500
Download  ISL8500 Download
File Size   1001.6 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2A Standard Buck PWM Regulator

ISL8500 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL8500 Datasheet PDF - Renesas Technology Corp

Part # ISL8500
Download  ISL8500 Click to download

File Size   1001.6 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2A Standard Buck PWM Regulator

ISL8500 Datasheet (HTML) - Renesas Technology Corp


ISL8500 Product details

2A Standard Buck PWM Regulator

The ISL8500 is a high-performance, simple output controller that provides a single, high frequency power solution for a variety of point-of-load applications. The ISL8500 integrates a 2A standard buck PWM controller and switching MOSFET.

Features
• Standard Buck Controller with Integrated Switching Power MOSFET
• Integrated Boot Diode
• Input Voltage Range
    - Fixed 5V ±10%
    - Variable 5.5V to 25V
• PWM Output Voltage Adjustable from 0.6V to 19V with Continuous Output Current up to 2A
• ±1% VFB Tolerance
• Voltage Mode Control with Voltage Feed Forward
• Fixed 500kHz Switching Frequency
• Externally Adjustable Soft-Start Time
• Output Undervoltage Protection
• Enable Inputs
• PGOOD Output
• Overcurrent Protection
• Thermal Overload Protection
• Internal 5V LDO regulator

Applications
• General Purpose
• WLAN Cards-PCMCIA, Cardbus32, MiniPCI Cards-Compact Flash Cards
• Hand-Held Instruments
• LCD Panel
• Set-top Box




Similar Part No. - ISL8500

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8500 INTERSIL-ISL8500 Datasheet
675Kb / 15P
2A Standard Buck PWM Regulator
December 10, 2007
ISL85001 INTERSIL-ISL85001 Datasheet
714Kb / 15P
1A Standard Buck PWM Regulator
November 17, 2008
ISL85001 INTERSIL-ISL85001 Datasheet
720Kb / 15P
1A Standard Buck PWM Regulator
March 17, 2009
logo
Renesas Technology Corp
ISL85001 RENESAS-ISL85001 Datasheet
1Mb / 16P
1A Standard Buck PWM Regulator
logo
Intersil Corporation
ISL85001EVAL1Z INTERSIL-ISL85001EVAL1Z Datasheet
287Kb / 6P
1A Regulator Standard Buck PWM
December 1, 2008
More results


Similar Description - ISL8500

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8500 INTERSIL-ISL8500 Datasheet
675Kb / 15P
2A Standard Buck PWM Regulator
December 10, 2007
ISL85001 INTERSIL-ISL85001 Datasheet
714Kb / 15P
1A Standard Buck PWM Regulator
November 17, 2008
logo
SamHop Microelectronics...
SM8312 SAMHOP-SM8312 Datasheet
245Kb / 11P
150KHz, 2A PWM Buck Switching Regulator
logo
Intersil Corporation
ISL85001 INTERSIL-ISL85001_09 Datasheet
720Kb / 15P
1A Standard Buck PWM Regulator
March 17, 2009
ISL85001EVAL1Z INTERSIL-ISL85001EVAL1Z Datasheet
287Kb / 6P
1A Regulator Standard Buck PWM
December 1, 2008
logo
Unisonic Technologies
UC34463 UTC-UC34463 Datasheet
197Kb / 6P
200KHZ, 2A PWM BUCK SWITCHING REGULATOR
logo
Micrel Semiconductor
MIC23201 MICREL-MIC23201 Datasheet
859Kb / 20P
2MHz PWM 2A Buck Regulator
logo
Unisonic Technologies
UC34463 UTC-UC34463_15 Datasheet
237Kb / 6P
200KHZ, 2A PWM BUCK SWITCHING REGULATOR
logo
Micrel Semiconductor
MIC23150 MICREL-MIC23150_15 Datasheet
1Mb / 18P
4MHz, PWM, 2A Buck Regulator with HyperLight Load
logo
Renesas Technology Corp
ISL85001 RENESAS-ISL85001 Datasheet
1Mb / 16P
1A Standard Buck PWM Regulator
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com