Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL85001 Datasheet (PDF) - Intersil Corporation

ISL85001 Datasheet PDF - Intersil Corporation
Part # ISL85001
Download  ISL85001 Download
File Size   720.09 Kbytes
Page   15 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 1A Standard Buck PWM Regulator

ISL85001 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL85001 Datasheet PDF - Intersil Corporation

Part # ISL85001
Download  ISL85001 Click to download

File Size   720.09 Kbytes
Page   15 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 1A Standard Buck PWM Regulator

ISL85001 Datasheet (HTML) - Intersil Corporation




Similar Part No. - ISL85001

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL85001 INTERSIL-ISL85001 Datasheet
714Kb / 15P
1A Standard Buck PWM Regulator
November 17, 2008
logo
Renesas Technology Corp
ISL85001 RENESAS-ISL85001 Datasheet
1Mb / 16P
1A Standard Buck PWM Regulator
logo
Intersil Corporation
ISL85001EVAL1Z INTERSIL-ISL85001EVAL1Z Datasheet
287Kb / 6P
1A Regulator Standard Buck PWM
December 1, 2008
logo
Renesas Technology Corp
ISL85001EVAL1Z RENESAS-ISL85001EVAL1Z Datasheet
1Mb / 16P
1A Standard Buck PWM Regulator
logo
Intersil Corporation
ISL85001EVAL1ZREVAPCB INTERSIL-ISL85001EVAL1ZREVAPCB Datasheet
287Kb / 6P
1A Regulator Standard Buck PWM
December 1, 2008
More results


Similar Description - ISL85001

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6652 SIPEX-SP6652 Datasheet
201Kb / 11P
1A, High Efficiency, High Frequency Current Mode PWM Buck Regulator
logo
Intersil Corporation
ISL8500 INTERSIL-ISL8500 Datasheet
675Kb / 15P
2A Standard Buck PWM Regulator
December 10, 2007
ISL85001 INTERSIL-ISL85001 Datasheet
714Kb / 15P
1A Standard Buck PWM Regulator
November 17, 2008
ISL8510 INTERSIL-ISL8510 Datasheet
867Kb / 21P
Dual Output Controller with 1A Standard Buck PWM and LDO
December 15, 2008
ISL85001EVAL1Z INTERSIL-ISL85001EVAL1Z Datasheet
287Kb / 6P
1A Regulator Standard Buck PWM
December 1, 2008
logo
SiGe Semiconductor, Inc...
AATIAN26 SIGE-AATIAN26 Datasheet
241Kb / 4P
850kHz 1A Buck Regulator
logo
ON Semiconductor
FAN65004B ONSEMI-FAN65004B Datasheet
1Mb / 26P
PWM Buck Regulator
December, 2017 ??Rev. 0
logo
Renesas Technology Corp
ISL8500 RENESAS-ISL8500 Datasheet
1,001Kb / 15P
2A Standard Buck PWM Regulator
ISL8510 RENESAS-ISL8510 Datasheet
1Mb / 21P
Dual Output Controller with 1A Standard Buck PWM and LDO
ISL85001 RENESAS-ISL85001 Datasheet
1Mb / 16P
1A Standard Buck PWM Regulator
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com