Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6652 Datasheet (PDF) - Sipex Corporation

SP6652 Datasheet PDF - Sipex Corporation
Part # SP6652
Download  SP6652 Download
File Size   201.57 Kbytes
Page   11 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 1A, High Efficiency, High Frequency Current Mode PWM Buck Regulator

SP6652 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP6652 Datasheet PDF - Sipex Corporation

Part # SP6652
Download  SP6652 Click to download

File Size   201.57 Kbytes
Page   11 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 1A, High Efficiency, High Frequency Current Mode PWM Buck Regulator

SP6652 Datasheet (HTML) - Sipex Corporation


SP6652 Product details

DESCRIPTION
The SP6652 is a high efficiency, synchronous buck regulator ideal for portable applications using one Li-Ion cell, with up to 1A of output current. The 1.4MHz switching frequency and PWM control loop are optimized for a small value inductor and ceramic output capacitor, for space constrained portable designs. In addition, the input voltage range of 2.7V to 5.5V; excellent transient response, output accuracy, and ability to transition into 100% duty cycle operation -- further extending useful battery life -- make the SP6652 a superior choice for a wide range of portable power applications. A logic level shutdown control, external clock synchronization, and forced-PWM or automatic control inputs are provided. Other features include soft-start, over current protection and 140ºC over-temperature shutdown.

Features
■ 1A Output Current
■ 1.4MHz Constant Frequency Operation
■ 97% Efficiency Possible
■ 0.5µA (Max.) Shutdown Current
■ Adjustable Output Voltage
■ No External FETs or Schottky Diode Required
■ Uses Small Value Inductors and Ceramic Output Capacitors
■ Low Dropout Operation: 100% Duty Cycle
■ Soft Start and Thermal Shutdown Protection
■ Easy Frequency Synchonization
■ Lead Free, RoHS Compliant package: l Small (3mm X 3mm) 10 Pin DFN or MSOP

applications
■ Mobile Phones
■ PDAs
■ DSCs
■ MP3 Players
■ USB Devices
■ Point of Use Power




Similar Part No. - SP6652

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6652 SIPEX-SP6652 Datasheet
1Mb / 16P
1A, High Efficiency, Fixed 1.4 MHz Current Mode PWM Buck Regulator
logo
Exar Corporation
SP6652 EXAR-SP6652 Datasheet
965Kb / 16P
1A, High Efficiency, Fixed 1.4 MHz
logo
Sipex Corporation
SP6652EB SIPEX-SP6652EB Datasheet
87Kb / 4P
Evaluation Board Manual
logo
Exar Corporation
SP6652EB EXAR-SP6652EB Datasheet
965Kb / 16P
1A, High Efficiency, Fixed 1.4 MHz
logo
Sipex Corporation
SP6652ER SIPEX-SP6652ER Datasheet
1Mb / 16P
1A, High Efficiency, Fixed 1.4 MHz Current Mode PWM Buck Regulator
More results


Similar Description - SP6652

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP5061 INTERSIL-HIP5061 Datasheet
158Kb / 20P
7A, High Efficiency Current Mode Controlled PWM Regulator
1994 04
logo
Maxim Integrated Produc...
MAX1953 MAXIM-MAX1953 Datasheet
642Kb / 22P
Low-Cost, High-Frequency, Current-Mode PWM Buck Controller
Rev 0; 4/02
logo
Sipex Corporation
SP6652 SIPEX-SP6652_07 Datasheet
1Mb / 16P
1A, High Efficiency, Fixed 1.4 MHz Current Mode PWM Buck Regulator
logo
Richtek Technology Corp...
RT8005 RICHTEK-RT8005 Datasheet
191Kb / 11P
1A, 2MHz, High-Efficiency Synchronous Buck PWM Converter
logo
Intersil Corporation
ISL85001 INTERSIL-ISL85001 Datasheet
714Kb / 15P
1A Standard Buck PWM Regulator
November 17, 2008
ISL85001 INTERSIL-ISL85001_09 Datasheet
720Kb / 15P
1A Standard Buck PWM Regulator
March 17, 2009
ISL91106 INTERSIL-ISL91106 Datasheet
125Kb / 2P
High Efficiency High Current Buck-Boost Regulator with Bypass Mode
November 20, 2015
logo
Renesas Technology Corp
ISL91106 RENESAS-ISL91106 Datasheet
206Kb / 2P
High Efficiency High Current Buck-Boost Regulator with Bypass Mode
logo
Semtech Corporation
TS30041Q SEMTECH-TS30041Q Datasheet
1Mb / 18P
High Efficiency 1A/2A Current-Mode Synchronous Buck Converter, 2.2MHz
logo
Princeton Technology Co...
RS2053 PTC-RS2053 Datasheet
319Kb / 4P
High Efficiency Current Mode PWM Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com