Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP5061 Datasheet (PDF) - Intersil Corporation

HIP5061 Datasheet PDF - Intersil Corporation
Part # HIP5061
Download  HIP5061 Download
File Size   158.48 Kbytes
Page   20 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 7A, High Efficiency Current Mode Controlled PWM Regulator

HIP5061 Datasheet (PDF)

Go To PDF Page Download Datasheet
HIP5061 Datasheet PDF - Intersil Corporation

Part # HIP5061
Download  HIP5061 Click to download

File Size   158.48 Kbytes
Page   20 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 7A, High Efficiency Current Mode Controlled PWM Regulator

HIP5061 Datasheet (HTML) - Intersil Corporation


HIP5061 Product details

Description
The HIP5061 is a complete power control IC, incorporating both the high power DMOS transistor, CMOS logic and low level analog circuitry on the same Intelligent Power IC. The standard “Boost”, “Buck-Boost”, “Cuk”, “Forward”, “Flyback” and the “SEPIC” (Single-Ended Primary Inductance Converter) power supply topologies may be implemented with this single control IC.

Features
• Single Chip Current Mode Control IC
• 60V, On-Chip DMOS Power Transistor
• Thermal Protection
• Over-Current Protection
• 250kHz Operation
• Output Rise and Fall Times - 10ns
• On-Chip Reference Voltage - 5.1V
• Slope Compensation
• VDD Clamp Allows 10.8V to 60V Supply
• Supply Current Does Not Increase When Power Device is On

Applications
• Distributed / Board Mounted Power Supplies
• DC - DC Converter Modules
• Voltage Inverters
• Small Uninterruptable Power Supplies
• Cascode Switching for Off Line SMPS




Similar Part No. - HIP5061

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP5060 INTERSIL-HIP5060 Datasheet
615Kb / 6P
Power Control IC Single Chip PowerSupply
August 1998
HIP5060DW INTERSIL-HIP5060DW Datasheet
615Kb / 6P
Power Control IC Single Chip PowerSupply
August 1998
HIP5060DY INTERSIL-HIP5060DY Datasheet
615Kb / 6P
Power Control IC Single Chip PowerSupply
August 1998
HIP5062 INTERSIL-HIP5062 Datasheet
655Kb / 7P
Power Control IC Single Chip Dual Switching Power Supply
August 1998
HIP5062DW INTERSIL-HIP5062DW Datasheet
655Kb / 7P
Power Control IC Single Chip Dual Switching Power Supply
August 1998
More results


Similar Description - HIP5061

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1846 MAXIM-MAX1846 Datasheet
452Kb / 20P
High-Efficiency, Current-Mode, Inverting PWM Controller
19-2091; Rev 0; 8/01
logo
Sipex Corporation
SP6652 SIPEX-SP6652 Datasheet
201Kb / 11P
1A, High Efficiency, High Frequency Current Mode PWM Buck Regulator
SP6652 SIPEX-SP6652_07 Datasheet
1Mb / 16P
1A, High Efficiency, Fixed 1.4 MHz Current Mode PWM Buck Regulator
logo
Micrel Semiconductor
MIC22700 MICREL-MIC22700 Datasheet
1Mb / 21P
1MHz, 7A Integrated Switch High Efficiency Synchronous Buck Regulator
MIC22700 MICREL-MIC22700_10 Datasheet
1Mb / 21P
1MHz, 7A Integrated Switch High-Efficiency Synchronous Buck Regulator
MIC22705 MICREL-MIC22705 Datasheet
1Mb / 28P
1MHz, 7A Integrated Switch High-Efficiency Synchronous Buck Regulator
logo
Maxim Integrated Produc...
MAX1846EUB-T MAXIM-MAX1846EUB-T Datasheet
325Kb / 20P
High-Efficiency, Current-Mode, Inverting PWM Controller
Rev 2; 9/10
logo
List of Unclassifed Man...
THX208 ETC2-THX208 Datasheet
804Kb / 22P
High-performance current - mode PWM regulator
logo
Feeling Technology Corp...
FP6277 FEELING-FP6277 Datasheet
627Kb / 12P
500kHz 7A High Efficiency Synchronous PWM Boost Converter
logo
Princeton Technology Co...
RS2053 PTC-RS2053 Datasheet
319Kb / 4P
High Efficiency Current Mode PWM Controller
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com