Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP5062 Datasheet (PDF) - Intersil Corporation

HIP5062 Datasheet PDF - Intersil Corporation
Part # HIP5062
Download  HIP5062 Download
File Size   655.86 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Power Control IC Single Chip Dual Switching Power Supply

HIP5062 Datasheet (PDF)

Go To PDF Page Download Datasheet
HIP5062 Datasheet PDF - Intersil Corporation

Part # HIP5062
Download  HIP5062 Click to download

File Size   655.86 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Power Control IC Single Chip Dual Switching Power Supply

HIP5062 Datasheet (HTML) - Intersil Corporation


HIP5062 Product details

Power Control IC Single Chip Dual Switching Power Supply

The HIP5062 is a complete power control IC, incorporating two high power DMOS transistors, CMOS logic and two low level analog control circuits on the same Intelligent Power IC. Both the standard “Boost” and the “SEPIC” (SingleEnded Primary Inductance Converter) power supply topologies are easily implemented with this single control IC.

Features
• Two Current Mode Control Regulators
• Two 60V, 5A On-chip DMOS Transistors
• Thermal Protection
• Over-Voltage Protection
• Over-Current Protection
• 1MHz Operation or External Clock
• Synchronization Output
• On-Chip Reference Voltage - 5.1V
• Output Rise and Fall Times ~ 3ns
• Designed for 26V to 42V Operation

Applications
• Single Chip Power Supplies
• Current Mode PWM Applications
• Distributed Power Supplies
• Multiple Output Converters




Similar Part No. - HIP5062

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP5060 INTERSIL-HIP5060 Datasheet
615Kb / 6P
Power Control IC Single Chip PowerSupply
August 1998
HIP5060DW INTERSIL-HIP5060DW Datasheet
615Kb / 6P
Power Control IC Single Chip PowerSupply
August 1998
HIP5060DY INTERSIL-HIP5060DY Datasheet
615Kb / 6P
Power Control IC Single Chip PowerSupply
August 1998
HIP5061 INTERSIL-HIP5061 Datasheet
158Kb / 20P
7A, High Efficiency Current Mode Controlled PWM Regulator
1994 04
HIP5061DS INTERSIL-HIP5061DS Datasheet
158Kb / 20P
7A, High Efficiency Current Mode Controlled PWM Regulator
1994 04
More results


Similar Description - HIP5062

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
FA13842 FUJI-FA13842 Datasheet
151Kb / 15P
CMOS IC(For Switching Power Supply Control)
FA7613CP FUJI-FA7613CP Datasheet
55Kb / 5P
Bipolar IC For Switching Power Supply Control
FA7622CP FUJI-FA7622CP Datasheet
67Kb / 8P
Bipolar IC For Switching Power Supply Control
logo
List of Unclassifed Man...
FA551 ETC1-FA551 Datasheet
259Kb / 22P
CMOS IC For Switching Power Supply Control
logo
Intersil Corporation
HIP5063 INTERSIL-HIP5063 Datasheet
549Kb / 4P
Power Control IC Single Chip Power Supply
August 1998
logo
Fuji Electric
FA5546 FUJI-FA5546 Datasheet
667Kb / 27P
Switching Power Supply Control IC
FA5626 FUJI-FA5626 Datasheet
602Kb / 27P
Fuji Switching Power Supply Control IC
FA5639 FUJI-FA5639 Datasheet
452Kb / 21P
Fuji Switching Power Supply Control IC
FA5640 FUJI-FA5640 Datasheet
767Kb / 35P
Fuji Switching Power Supply Control IC
FA5695 FUJI-FA5695 Datasheet
739Kb / 21P
Fuji Switching Power Supply Control IC
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com