Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP5063 Datasheet (PDF) - Intersil Corporation

HIP5063 Datasheet PDF - Intersil Corporation
Part # HIP5063
Download  HIP5063 Download
File Size   549.33 Kbytes
Page   4 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Power Control IC Single Chip Power Supply

HIP5063 Datasheet (PDF)

Go To PDF Page Download Datasheet
HIP5063 Datasheet PDF - Intersil Corporation

Part # HIP5063
Download  HIP5063 Click to download

File Size   549.33 Kbytes
Page   4 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Power Control IC Single Chip Power Supply

HIP5063 Datasheet (HTML) - Intersil Corporation


HIP5063 Product details

Power Control IC Single Chip Power Supply

The HIP5063 is a complete power control IC, incorporating both the high power DMOS transistor, CMOS logic and low level analog circuitry on the same Intelligent Power IC.
This IC allows the user maximum flexibility in implementing high frequency current controlled power supplies and other power sources.
Special power transistor current sensing circuitry is incorporated that minimizes losses due to the monitoring circuitry. Over-temperature detection circuitry is incorporated within the IC to monitor the chip temperature.

Features
• Single Chip Current Mode Control IC
• 60V, 10A On-chip DMOS Transistor
• Thermal Protection
• 1MHz Operation - External Clock
• Output Rise and Fall Times ~ 3ns
• Simple Implementation of High-Speed Current Mode Controlled Regulators and Power Amplifiers
• Designed for 10V to 45V Operation

Applications
• Single Chip Power Supplies
• Current Mode PWM Applications
• Distributed Power Supplies
• Multiple Output Converters
• Wideband Power Amplifiers for Motor Control




Similar Part No. - HIP5063

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP5060 INTERSIL-HIP5060 Datasheet
615Kb / 6P
Power Control IC Single Chip PowerSupply
August 1998
HIP5060DW INTERSIL-HIP5060DW Datasheet
615Kb / 6P
Power Control IC Single Chip PowerSupply
August 1998
HIP5060DY INTERSIL-HIP5060DY Datasheet
615Kb / 6P
Power Control IC Single Chip PowerSupply
August 1998
HIP5061 INTERSIL-HIP5061 Datasheet
158Kb / 20P
7A, High Efficiency Current Mode Controlled PWM Regulator
1994 04
HIP5061DS INTERSIL-HIP5061DS Datasheet
158Kb / 20P
7A, High Efficiency Current Mode Controlled PWM Regulator
1994 04
More results


Similar Description - HIP5063

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
FA5502 FUJI-FA5502 Datasheet
215Kb / 23P
POWER SUPPLY CONTROL IC
logo
Intersil Corporation
HIP5060 INTERSIL-HIP5060 Datasheet
615Kb / 6P
Power Control IC Single Chip PowerSupply
August 1998
HIP5062 INTERSIL-HIP5062 Datasheet
655Kb / 7P
Power Control IC Single Chip Dual Switching Power Supply
August 1998
logo
Fuji Electric
FA5546 FUJI-FA5546 Datasheet
667Kb / 27P
Switching Power Supply Control IC
FA5590 FUJI-FA5590 Datasheet
578Kb / 21P
FUJI Power Supply Control IC
FA5604 FUJI-FA5604 Datasheet
718Kb / 31P
FUJI Power Supply Control IC
FA5612 FUJI-FA5612 Datasheet
726Kb / 30P
FUJI Power Supply Control IC
FA7700V FUJI-FA7700V Datasheet
278Kb / 19P
FUJI Power Supply Control IC
FA7703 FUJI-FA7703 Datasheet
303Kb / 21P
FUJI Power Supply Control IC
FA7764 FUJI-FA7764 Datasheet
356Kb / 18P
FUJI Power Supply Control IC
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com