Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP5063 Datasheet(PDF) 2 Page - Intersil Corporation

Part # HIP5063
Description  Power Control IC Single Chip Power Supply
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP5063 Datasheet(HTML) 2 Page - Intersil Corporation

  HIP5063 Datasheet HTML 1Page - Intersil Corporation HIP5063 Datasheet HTML 2Page - Intersil Corporation HIP5063 Datasheet HTML 3Page - Intersil Corporation HIP5063 Datasheet HTML 4Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Simplified Block Diagram
TYPICAL SEPIC APPLICATION CONFIGURATION
Functional Block Diagram
CONTROL
LOGIC
GATE
DRIVERS
S
DGND
AGND
IRFI
IRFO
4
µH
D
0.1
µF
33
µF
3.8
µH
0.88
µF
12V
VDDA
3
µH
THERMAL
MONITOR
1MHz
CLOCK
FLLN
CLCK
TMON
COOL
5.1V
REF
5.1V
OUTPUT
+
-
+
-
VIN = 36V
0.66
µF
HIP5063
VDDD
VDDP
VCMP
0.1
µF
FLLN
COOL
AGND
VCMP
VDDD
BIAS
CIRCUITS
TMON
VDDA
VDDA
CLCK
18K
Ω
THERMAL
MONITOR
S
FLIP-FLOP
R
FAST RESET
Q
GATE
DRIVERS
CONTROL
&
BLANKING
LOGIC
CURRENT
MONITOR-
ING
AMP
SOURCE
VDDP
DRAIN
IRFO
DGND
IRFI
EXTERNAL CURRENT SCALING RESISTOR
IPEAK(DMOS DRAIN CURRENT) = 4500 x IREF (mA)
IREF
50
µA
+
-
HIP5063



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com