Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL8510 Datasheet (PDF) - Renesas Technology Corp

ISL8510 Datasheet PDF - Renesas Technology Corp
Part # ISL8510
Download  ISL8510 Download
File Size   1342.64 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual Output Controller with 1A Standard Buck PWM and LDO

ISL8510 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL8510 Datasheet PDF - Renesas Technology Corp

Part # ISL8510
Download  ISL8510 Click to download

File Size   1342.64 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual Output Controller with 1A Standard Buck PWM and LDO

ISL8510 Datasheet (HTML) - Renesas Technology Corp


ISL8510 Product details

Dual Output Controller with 1A Standard Buck PWM and LDO

The ISL8510 is a high-performance, dual output controller that provides a single, high frequency power solution for a variety of point of load applications. The ISL8510 integrates a 1A standard buck PWM controller and switching MOSFET with one 500mA LDO.

Features
• Standard Buck Controller with Integrated Switching Power MOSFET + 1 LDO
• Integrated Boot Diode
• Input Voltage Range
    - Fixed 5V ±10%
    - Variable 5.5V to 25V
• PWM Output Voltage Adjustable from 0.6V to 20V with Continuous Output Current up to 1A
• Voltage Mode Control with Voltage Feed Forward
• Fixed 500kHz Switching Frequency
• Externally Adjustable Soft-Start Time
• Output Undervoltage Protection
• LDO Adjustable Options
    - LDO, 0.6V to 4.2V . . . . . . . . . . . . . . . . . . . . . . . 500mA
• Individual Enable Inputs
• Two PGOOD Outputs (PWM and LDO)
• Overcurrent Protection
• Thermal Overload Protection
• Internal 5V LDO regulator
• Pb-Free (RoHS Compliant)

Applications
• General Purpose
• WLAN Cards-PCMCIA, Cardbus32, MiniPCI CardsCompact Flash Cards
• Hand-Held Instruments




Similar Part No. - ISL8510

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8510 INTERSIL-ISL8510 Datasheet
867Kb / 21P
Dual Output Controller with 1A Standard Buck PWM and LDO
December 15, 2008
ISL8510IRZ INTERSIL-ISL8510IRZ Datasheet
867Kb / 21P
Dual Output Controller with 1A Standard Buck PWM and LDO
December 15, 2008
More results


Similar Description - ISL8510

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL85001 INTERSIL-ISL85001 Datasheet
714Kb / 15P
1A Standard Buck PWM Regulator
November 17, 2008
ISL85001 INTERSIL-ISL85001_09 Datasheet
720Kb / 15P
1A Standard Buck PWM Regulator
March 17, 2009
logo
Analog Devices
ADP1877 AD-ADP1877 Datasheet
3Mb / 32P
Dual Output Synchronous Buck PWM Controller With Tracking
REV. 0
logo
Intersil Corporation
ISL8501 INTERSIL-ISL8501 Datasheet
846Kb / 19P
Triple Output Controller with 1A Standard Buck PWM and Dual LDOs
July 12, 2007
ISL8510 INTERSIL-ISL8510 Datasheet
867Kb / 21P
Dual Output Controller with 1A Standard Buck PWM and LDO
December 15, 2008
ISL85001EVAL1Z INTERSIL-ISL85001EVAL1Z Datasheet
287Kb / 6P
1A Regulator Standard Buck PWM
December 1, 2008
logo
Texas Instruments
TPS5110 TI-TPS5110_15 Datasheet
988Kb / 45P
SYNCHRONOUS-BUCK PWM CONTROLLER WITH NMOS LDO CONTROLLER
TPS5110 TI1-TPS5110_16 Datasheet
941Kb / 43P
SYNCHRONOUS-BUCK PWM CONTROLLER WITH NMOS LDO CONTROLLER
logo
Renesas Technology Corp
ISL8501 RENESAS-ISL8501 Datasheet
1Mb / 19P
Triple Output Controller with 1A Standard Buck PWM and Dual LDOs
ISL85001 RENESAS-ISL85001 Datasheet
1Mb / 16P
1A Standard Buck PWM Regulator
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com