Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL8501 Datasheet (PDF) - Intersil Corporation

ISL8501 Datasheet PDF - Intersil Corporation
Part # ISL8501
Download  ISL8501 Download
File Size   846.8 Kbytes
Page   19 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Triple Output Controller with 1A Standard Buck PWM and Dual LDOs

ISL8501 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL8501 Datasheet PDF - Intersil Corporation

Part # ISL8501
Download  ISL8501 Click to download

File Size   846.8 Kbytes
Page   19 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Triple Output Controller with 1A Standard Buck PWM and Dual LDOs

ISL8501 Datasheet (HTML) - Intersil Corporation


ISL8501 Product details

Triple Output Controller with 1A Standard Buck PWM and Dual LDOs

The ISL8501 is a high-performance, triple output controller that provides a single, high frequency power solution for a variety of point of load applications. The ISL8501 integrates a 1A standard buck PWM controller and switching MOSFET with two 500mA LDOs.

Features
• Standard Buck Controller with Integrated Switching Power MOSFET and Dual LDOs
• Integrated Boot Diode
• Input Voltage Range
    - Fixed 5V ±10%
    - Variable 6V to 25V
• PWM Output Voltage Adjustable from 0.6V to 20V with Continuous Output Current up to 1A
• Voltage Mode Control with Voltage Feed Forward
• Fixed 500kHz Switching Frequency
• Externally Adjustable Soft-Start Time
• Output Undervoltage Protection
• Dual LDO Adjustable Options
    - LDO1, 0.6V to 4.2V . . . . . . . . . . . . . . . . . . . . . . 500mA
    - LDO2, 0.6V to 4.2V . . . . . . . . . . . . . . . . . . . . . . 500mA
• Individual Enable Inputs
• Two PGOOD Outputs (PWM and both LDOs)
• Overcurrent Protection
• Thermal Overload Protection
• Internal 5V LDO regulator
• Pb-Free Plus Anneal Available (RoHS Compliant)

Applications
• General Purpose
• WLAN Cards-PCMCIA, Cardbus32, MiniPCI CardsCompact Flash Cards
• Hand-Held Instruments




Similar Part No. - ISL8501

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL8501 RENESAS-ISL8501 Datasheet
1Mb / 19P
Triple Output Controller with 1A Standard Buck PWM and Dual LDOs
ISL85012 RENESAS-ISL85012 Datasheet
973Kb / 19P
12A, 3.8V to 18V Input, Synchronous Buck Regulator
ISL85012 RENESAS-ISL85012 Datasheet
1Mb / 21P
9A, 3.8V to 18V Input, Synchronous Buck Regulator
Nov 11, 2021
ISL85012 RENESAS-ISL85012 Datasheet
1Mb / 22P
14A, 3.8V to 18V Input, Synchronous Buck Regulator
Nov 11, 2021
ISL85012EVAL1Z RENESAS-ISL85012EVAL1Z Datasheet
973Kb / 19P
12A, 3.8V to 18V Input, Synchronous Buck Regulator
More results


Similar Description - ISL8501

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6528 INTERSIL-ISL6528 Datasheet
390Kb / 13P
Dual Regulator - Standard Buck PWM and Linear Power Controller
December 28, 2004
ISL6528 INTERSIL-ISL6528_06 Datasheet
367Kb / 13P
Dual Regulator - Standard Buck PWM and Linear Power Controller
March 9, 2006
ISL85001 INTERSIL-ISL85001 Datasheet
714Kb / 15P
1A Standard Buck PWM Regulator
November 17, 2008
ISL85001 INTERSIL-ISL85001_09 Datasheet
720Kb / 15P
1A Standard Buck PWM Regulator
March 17, 2009
logo
Analog Devices
ADP1877 AD-ADP1877 Datasheet
3Mb / 32P
Dual Output Synchronous Buck PWM Controller With Tracking
REV. 0
logo
Intersil Corporation
ISL8510 INTERSIL-ISL8510 Datasheet
867Kb / 21P
Dual Output Controller with 1A Standard Buck PWM and LDO
December 15, 2008
ISL85001EVAL1Z INTERSIL-ISL85001EVAL1Z Datasheet
287Kb / 6P
1A Regulator Standard Buck PWM
December 1, 2008
logo
Renesas Technology Corp
ISL8501 RENESAS-ISL8501 Datasheet
1Mb / 19P
Triple Output Controller with 1A Standard Buck PWM and Dual LDOs
ISL8510 RENESAS-ISL8510 Datasheet
1Mb / 21P
Dual Output Controller with 1A Standard Buck PWM and LDO
ISL85001 RENESAS-ISL85001 Datasheet
1Mb / 16P
1A Standard Buck PWM Regulator
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com