Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL8502A Datasheet (PDF) - Renesas Technology Corp

ISL8502A Datasheet PDF - Renesas Technology Corp
Part # ISL8502A
Download  ISL8502A Download
File Size   1023.7 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2A Synchronous Buck Regulator with Integrated MOSFETs

ISL8502A Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL8502A Datasheet PDF - Renesas Technology Corp

Part # ISL8502A
Download  ISL8502A Click to download

File Size   1023.7 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2A Synchronous Buck Regulator with Integrated MOSFETs

ISL8502A Datasheet (HTML) - Renesas Technology Corp


ISL8502A Product details

2A Synchronous Buck Regulator with Integrated MOSFETs

The ISL8502A is a synchronous buck controller with internal MOSFETs packaged in a small 4mmx4mm QFN package. The ISL8502A can support a continuous load of 2A and has a very wide input voltage range. With the switching MOSFETs integrated into the IC, the complete regulator footprint can be very small and provide a much more efficient solution than a linear regulator.

Features
• Up to 2A Continuous Output Current
• Integrated MOSFETs for Small Regulator Footprint
• Adjustable Switching Frequency, 500kHz to 1.2MHz
• Tight Output Voltage Regulation, ±1% Over-temperature
• Wide Input Voltage Range, 5V ±10% or 5.5V to 14V
• Wide Output Voltage Range, from 0.6V
• Simple Single-Loop Voltage-Mode PWM Control Design
• Input Voltage Feed-Forward for Constant Modulator Gain
• Fast PWM Converter Transient Response
• Lossless rDS(ON) High Side and Low Side Overcurrent Protections
• Undervoltage Detection
• Integrated Thermal Shutdown Protection
• Power-Good Indication
• Adjustable Soft-Start
• Start-Up with Pre-Bias Output
• Pb-free (RoHS Compliant)

Applications
• Point of Load Applications
• Graphics Cards - GPU and Memory Supplies
• ASIC Power Supplies
• Embedded Processor and I/O Supplies
• DSP Supplies




Similar Part No. - ISL8502A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8502A INTERSIL-ISL8502A Datasheet
731Kb / 20P
2A Synchronous Buck Regulator with Integrated MOSFETs
October 21, 2011
ISL8502AEVAL1Z INTERSIL-ISL8502AEVAL1Z Datasheet
731Kb / 20P
2A Synchronous Buck Regulator with Integrated MOSFETs
October 21, 2011
ISL8502AIRZ INTERSIL-ISL8502AIRZ Datasheet
731Kb / 20P
2A Synchronous Buck Regulator with Integrated MOSFETs
October 21, 2011
More results


Similar Description - ISL8502A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL65426 INTERSIL-ISL65426 Datasheet
792Kb / 22P
6A Dual Synchronous Buck Regulator with Integrated MOSFETs
November 14, 2006
ISL65426 INTERSIL-ISL65426_07 Datasheet
802Kb / 22P
6A Dual Synchronous Buck Regulator with Integrated MOSFETs
February 21, 2007
ISL8502 INTERSIL-ISL8502 Datasheet
489Kb / 19P
2A Synchronous Buck Regulator with Integrated MOSFETs
June 29, 2010
ISL95210 INTERSIL-ISL95210 Datasheet
1Mb / 19P
10A Synchronous Buck Regulator with Integrated Power MOSFETs
June 2, 2011
ISL8009AEVAL1Z INTERSIL-ISL8009AEVAL1Z Datasheet
220Kb / 5P
1.5A Synchronous Buck Regulator with Integrated MOSFETs
October 9, 2008
ISL8502A INTERSIL-ISL8502A Datasheet
731Kb / 20P
2A Synchronous Buck Regulator with Integrated MOSFETs
October 21, 2011
logo
Altera Corporation
ER2120QI ALTERA-ER2120QI Datasheet
1Mb / 24P
2A Synchronous Buck Regulator with Integrated MOSFETs
logo
Renesas Technology Corp
ISL8502 RENESAS-ISL8502 Datasheet
960Kb / 19P
2A Synchronous Buck Regulator with Integrated MOSFETs
logo
Maxim Integrated Produc...
MAX20050 MAXIM-MAX20050 Datasheet
654Kb / 23P
2A Synchronous-Buck LED Drivers with Integrated MOSFETs
Rev 19; 7/21
logo
Renesas Technology Corp
ISL71001M RENESAS-ISL71001M Datasheet
1Mb / 33P
6A Synchronous Buck Regulator with Integrated MOSFETs
Feb 15, 2023
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com