Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL71001M Datasheet (PDF) - Renesas Technology Corp

ISL71001M Datasheet PDF - Renesas Technology Corp
Part # ISL71001M
Download  ISL71001M Download
File Size   1057.4 Kbytes
Page   33 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 6A Synchronous Buck Regulator with Integrated MOSFETs

ISL71001M Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL71001M Datasheet PDF - Renesas Technology Corp

Part # ISL71001M
Download  ISL71001M Click to download

File Size   1057.4 Kbytes
Page   33 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 6A Synchronous Buck Regulator with Integrated MOSFETs

ISL71001M Datasheet (HTML) - Renesas Technology Corp


ISL71001M Product details

Features
• Passes NASA low outgassing specifications
• Operates from 3V to 5.5V supply
• Programmable power-on reset level
• Current mode control for excellent dynamic response
• Fixed 1MHz switching frequency
• ±1.2% reference voltage
• Thermally enhanced heat-sink plastic package
• Highly efficient: 95% peak efficiency
• Bidirectional SYNC pin allows two devices to be
synchronized 180° out-of-phase
• Adjustable output voltage
• Analog soft-start
• Output undervoltage and output overcurrent
protection
• Power-good output voltage monitor
• Tin (Sn) free lead finish
• Characterized radiation level
• 30krad(Si) at a low dose rate
• Single-event effects at LET = 43MeV•cm2/mg
Applications
• FPGA, CPLD, DSP, CPU Core, or I/O voltages
• Low-voltage, high-density distributed power systems
• Low Earth Orbit (LEO) applications
• High altitude avionics
• Launch vehicles




Similar Part No. - ISL71001M

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL71001M30NZ RENESAS-ISL71001M30NZ Datasheet
1Mb / 37P
6A Synchronous Buck Regulator with Integrated MOSFETs
May 30, 2025
ISL71001M30NZ-T RENESAS-ISL71001M30NZ-T Datasheet
1Mb / 37P
6A Synchronous Buck Regulator with Integrated MOSFETs
May 30, 2025
ISL71001M50NZ RENESAS-ISL71001M50NZ Datasheet
1Mb / 37P
6A Synchronous Buck Regulator with Integrated MOSFETs
May 30, 2025
ISL71001M50NZ-T RENESAS-ISL71001M50NZ-T Datasheet
1Mb / 37P
6A Synchronous Buck Regulator with Integrated MOSFETs
May 30, 2025
ISL71001MEVAL1Z RENESAS-ISL71001MEVAL1Z Datasheet
771Kb / 27P
Radiation Hardened 6A Synchronous Buck Regulator with Integrated MOSFETs
Aug 10, 2021
More results


Similar Description - ISL71001M

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL65426 INTERSIL-ISL65426 Datasheet
792Kb / 22P
6A Dual Synchronous Buck Regulator with Integrated MOSFETs
November 14, 2006
ISL65426 INTERSIL-ISL65426_07 Datasheet
802Kb / 22P
6A Dual Synchronous Buck Regulator with Integrated MOSFETs
February 21, 2007
ISL8502 INTERSIL-ISL8502 Datasheet
489Kb / 19P
2A Synchronous Buck Regulator with Integrated MOSFETs
June 29, 2010
ISL8009AEVAL1Z INTERSIL-ISL8009AEVAL1Z Datasheet
220Kb / 5P
1.5A Synchronous Buck Regulator with Integrated MOSFETs
October 9, 2008
ISL8502A INTERSIL-ISL8502A Datasheet
731Kb / 20P
2A Synchronous Buck Regulator with Integrated MOSFETs
October 21, 2011
logo
Altera Corporation
ER2120QI ALTERA-ER2120QI Datasheet
1Mb / 24P
2A Synchronous Buck Regulator with Integrated MOSFETs
logo
Renesas Technology Corp
ISL8502 RENESAS-ISL8502 Datasheet
960Kb / 19P
2A Synchronous Buck Regulator with Integrated MOSFETs
ISL8502A RENESAS-ISL8502A Datasheet
1,023Kb / 20P
2A Synchronous Buck Regulator with Integrated MOSFETs
ISL65426 RENESAS-ISL65426 Datasheet
1Mb / 22P
6A Dual Synchronous Buck Regulator with Integrated MOSFETs
ISL71001SLHM RENESAS-ISL71001SLHM Datasheet
771Kb / 27P
Radiation Hardened 6A Synchronous Buck Regulator with Integrated MOSFETs
Aug 10, 2021
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com