Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL71001SLHM Datasheet (PDF) - Renesas Technology Corp

ISL71001SLHM Datasheet PDF - Renesas Technology Corp
Part # ISL71001SLHM
Download  ISL71001SLHM Download
File Size   771.94 Kbytes
Page   27 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radiation Hardened 6A Synchronous Buck Regulator with Integrated MOSFETs

ISL71001SLHM Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL71001SLHM Datasheet PDF - Renesas Technology Corp

Part # ISL71001SLHM
Download  ISL71001SLHM Click to download

File Size   771.94 Kbytes
Page   27 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radiation Hardened 6A Synchronous Buck Regulator with Integrated MOSFETs

ISL71001SLHM Datasheet (HTML) - Renesas Technology Corp


ISL71001SLHM Product details

Features
▪ Production testing and qualification follow the
AS6294/1 standard (see Radiation Hardened
Plastic Production and QCI Flow)
▪ Passes NASA low outgassing specifications
▪ Operates from 3V to 5.5V supply
▪ Current mode controlled feedback
▪ Fixed 1MHz switching frequency
▪ ±1.2% reference voltage
▪ Highly efficient: 95% peak efficiency
▪ SYNC pin allows synchronization of two devices
▪ Adjustable output voltage
▪ Output undervoltage and output overcurrent
protection with power-good output voltage monitor
▪ Radiation acceptance testing - ISL71001SLHM
• 75krad(Si) at a low dose rate (< 10mrad(Si)/s)
▪ SEE hardness (see SEE report for details)
• Single-event effects at LET = 86MeV•cm2/mg
Applications
▪ FPGA, CPLD, DSP, CPU Core, or I/O voltages
▪ Low-voltage, high-density distributed power
systems
▪ Medium/Geostationary Earth Orbit (MEO/GEO)
▪ Launch Vehicles and High Altitude Avionics




Similar Part No. - ISL71001SLHM

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL71001M RENESAS-ISL71001M Datasheet
1Mb / 33P
6A Synchronous Buck Regulator with Integrated MOSFETs
Feb 15, 2023
ISL71001M30NZ RENESAS-ISL71001M30NZ Datasheet
1Mb / 37P
6A Synchronous Buck Regulator with Integrated MOSFETs
May 30, 2025
ISL71001M30NZ-T RENESAS-ISL71001M30NZ-T Datasheet
1Mb / 37P
6A Synchronous Buck Regulator with Integrated MOSFETs
May 30, 2025
ISL71001M50NZ RENESAS-ISL71001M50NZ Datasheet
1Mb / 37P
6A Synchronous Buck Regulator with Integrated MOSFETs
May 30, 2025
ISL71001M50NZ-T RENESAS-ISL71001M50NZ-T Datasheet
1Mb / 37P
6A Synchronous Buck Regulator with Integrated MOSFETs
May 30, 2025
More results


Similar Description - ISL71001SLHM

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL65426 INTERSIL-ISL65426 Datasheet
792Kb / 22P
6A Dual Synchronous Buck Regulator with Integrated MOSFETs
November 14, 2006
ISL65426 INTERSIL-ISL65426_07 Datasheet
802Kb / 22P
6A Dual Synchronous Buck Regulator with Integrated MOSFETs
February 21, 2007
ISL70001SRH INTERSIL-ISL70001SRH Datasheet
289Kb / 16P
Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator with Integrated MOSFETs
December 15, 2009
ISL70001SRH INTERSIL-ISL70001SRH_11 Datasheet
598Kb / 16P
Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator
May 23, 2011
ISL8009AEVAL1Z INTERSIL-ISL8009AEVAL1Z Datasheet
220Kb / 5P
1.5A Synchronous Buck Regulator with Integrated MOSFETs
October 9, 2008
ISL70003SEH INTERSIL-ISL70003SEH Datasheet
1Mb / 32P
Radiation Hardened and SEE Hardened 3V to 13.2V, 6A Buck Regulator
May 12, 2016
logo
Renesas Technology Corp
ISL65426 RENESAS-ISL65426 Datasheet
1Mb / 22P
6A Dual Synchronous Buck Regulator with Integrated MOSFETs
ISL70001ASEH RENESAS-ISL70001ASEH Datasheet
1Mb / 28P
Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator
Sep 16, 2022
ISL70003SEH RENESAS-ISL70003SEH Datasheet
1Mb / 32P
Radiation Hardened and SEE Hardened 3V to 13.2V, 6A Buck Regulator
December 8, 2016
ISL71001M RENESAS-ISL71001M Datasheet
1Mb / 33P
6A Synchronous Buck Regulator with Integrated MOSFETs
Feb 15, 2023
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com