Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL70001ASEH Datasheet (PDF) - Renesas Technology Corp

ISL70001ASEH Datasheet PDF - Renesas Technology Corp
Part # ISL70001ASEH
Download  ISL70001ASEH Download
File Size   1634.05 Kbytes
Page   28 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator

ISL70001ASEH Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL70001ASEH Datasheet PDF - Renesas Technology Corp

Part # ISL70001ASEH
Download  ISL70001ASEH Click to download

File Size   1634.05 Kbytes
Page   28 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator

ISL70001ASEH Datasheet (HTML) - Renesas Technology Corp


ISL70001ASEH Product details

Features
• ±1% reference voltage over line, load, temperature and
radiation
• Current mode control for excellent dynamic response
• Full mil-temp range operation (TA = -55°C to +125°C)
• 50% lower shutdown supply current than the ISL70001SEH
• Available in a thermally enhanced heatsink package - R48.B
• Highly efficient: 94% peak efficiency
• Operates from 3V to 5.5V supply
• Adjustable output voltage
- Two external resistors set VOUT from 0.8V to ~85% of VIN
• Bidirectional SYNC pin allows two devices to be
synchronized 180° out-of-phase
• Power-good output voltage monitor
• Adjustable analog soft-start
• Input undervoltage, output undervoltage and output
overcurrent protection
• Electrically screened to DLA SMD 5962-09225
• QML qualified per MIL-PRF-38535 requirements
• Radiation acceptance testing
- HDR [50-300rad(Si)/s] . . . . . . . . . . . . . . . . . . . 100krad(Si)
- LDR [<10mrad(Si)/s]. . . . . . . . . . . . . . . . . . . . . . .50krad(Si)
• SEE hardness (see SEE report for details)
- SEL and SEB LETeff . . . . . . . . . . . . 86.4MeV/mg/cm2 min
- SEFI X-section (LETeff = 86.4MeV/mg/cm2)
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .1.4 x 10-6 cm2 max
- SET LETeff (< 1 pulse perturbation) 86.4MeV/mg/cm2 min




Similar Part No. - ISL70001ASEH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL70001ASEH INTERSIL-ISL70001ASEH Datasheet
1Mb / 25P
Rad Hard and SEE Hard 6A Synchronous Buck Regulator
May 22, 2013
ISL70001ASEHEV1Z INTERSIL-ISL70001ASEHEV1Z Datasheet
1Mb / 25P
Rad Hard and SEE Hard 6A Synchronous Buck Regulator
May 22, 2013
ISL70001ASEHF INTERSIL-ISL70001ASEHF Datasheet
1Mb / 25P
Rad Hard and SEE Hard 6A Synchronous Buck Regulator
May 22, 2013
ISL70001ASEHFE INTERSIL-ISL70001ASEHFE Datasheet
1Mb / 25P
Rad Hard and SEE Hard 6A Synchronous Buck Regulator
May 22, 2013
ISL70001ASEHVF INTERSIL-ISL70001ASEHVF Datasheet
1Mb / 25P
Rad Hard and SEE Hard 6A Synchronous Buck Regulator
May 22, 2013
More results


Similar Description - ISL70001ASEH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL7457SRH INTERSIL-ISL7457SRH Datasheet
388Kb / 12P
Radiation Hardened, SEE Hardened, Non-Inverting, Quad CMOS Driver
March 16, 2009
ISL70001SRH INTERSIL-ISL70001SRH Datasheet
289Kb / 16P
Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator with Integrated MOSFETs
December 15, 2009
ISL7457SRH INTERSIL-ISL7457SRH_11 Datasheet
642Kb / 12P
Radiation Hardened, SEE Hardened, Non-Inverting, Quad CMOS Driver
May 16, 2011
ISL70001SRH INTERSIL-ISL70001SRH_11 Datasheet
598Kb / 16P
Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator
May 23, 2011
ISL70003SEH INTERSIL-ISL70003SEH Datasheet
1Mb / 32P
Radiation Hardened and SEE Hardened 3V to 13.2V, 6A Buck Regulator
May 12, 2016
logo
Renesas Technology Corp
ISL7457SRH RENESAS-ISL7457SRH Datasheet
567Kb / 16P
Radiation Hardened, SEE Hardened, Non-Inverting, Quad CMOS Driver
May 6, 2021
ISL70002SEH RENESAS-ISL70002SEH Datasheet
1Mb / 28P
Radiation Hardened and SEE Hardened 22A Synchronous Buck Regulators with Current Sharing
Mar 31, 2022
ISL70003ASEH RENESAS-ISL70003ASEH Datasheet
1Mb / 36P
Radiation and SEE Hardened 3V to 13.2V, 9A Buck Regulator
Dec 12, 2019
ISL70003SEH RENESAS-ISL70003SEH Datasheet
1Mb / 32P
Radiation Hardened and SEE Hardened 3V to 13.2V, 6A Buck Regulator
December 8, 2016
ISL71001SLHM RENESAS-ISL71001SLHM Datasheet
771Kb / 27P
Radiation Hardened 6A Synchronous Buck Regulator with Integrated MOSFETs
Aug 10, 2021
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com