Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL70002SEH Datasheet (PDF) - Renesas Technology Corp

ISL70002SEH Datasheet PDF - Renesas Technology Corp
Part # ISL70002SEH
Download  ISL70002SEH Download
File Size   1079.79 Kbytes
Page   28 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radiation Hardened and SEE Hardened 22A Synchronous Buck Regulators with Current Sharing

ISL70002SEH Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL70002SEH Datasheet PDF - Renesas Technology Corp

Part # ISL70002SEH
Download  ISL70002SEH Click to download

File Size   1079.79 Kbytes
Page   28 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radiation Hardened and SEE Hardened 22A Synchronous Buck Regulators with Current Sharing

ISL70002SEH Datasheet (HTML) - Renesas Technology Corp


ISL70002SEH Product details

Features
• DLA SMD 5962-12202
• Maximum output current (“Single Phase”):
- 22A with external Schottky (TJ ≤125°C, PVIN ≤5.5V)
- 18A (TJ ≤125°C, PVIN ≤5.5V)
- 14A (TJ ≤125°C, PVIN ≤6.2V)
- 12A (TJ ≤150°C, PVIN ≤6.2V)
• Maximum output current (“Dual Phase”)
- 38A (27% worst case current sharing)
• 1MHz or 500kHz switching frequency
• 3V to 6.2V supply voltage range
• ±1% reference voltage (line, load, temperature, and rad)
• Redundancy/junction isolation: exceptional SET
performance
• Excellent transient response
• High efficiency >90%
• Two ISL7x002SEH synchronization, inverted-phase
• Comparator input for enable and power-good
• Input undervoltage, output undervoltage, and adjustable
output overcurrent protection
• QML qualified per MIL-PRF-38535
• Full military temperature range operation (-55°C to
+125°C)
• Radiation environment - ISL70002SEH
- HDR (50-300rad(Si)/s): 100krad(Si)
- LDR (0.01rad(Si)/s): 50krad(Si)
• Radiation environment - ISL73002SEH
- LDR (0.01rad(Si)/s): 50krad(Si).
• SEE hardness (See the SEE Test report for details)
- SEL and SEB LETTH . . . . . . . . . . . . . . . . 86.4MeV/mg/cm2
- SEFI LETTH. . . . . . . . . . . . . . . . . . . . . . . . . . 43MeV/mg/cm2
- SET LETTH . . . . . . . . . . . . . . . . . . . . . . . . 86.4MeV/mg/cm2




Similar Part No. - ISL70002SEH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL70002SEH INTERSIL-ISL70002SEH Datasheet
558Kb / 23P
Rad Hard and SEE Hard 12A Synchronous Buck Regulator with Multi-Phase Current Sharing
April 5, 2012
ISL70002SEHEVAL1Z INTERSIL-ISL70002SEHEVAL1Z Datasheet
558Kb / 23P
Rad Hard and SEE Hard 12A Synchronous Buck Regulator with Multi-Phase Current Sharing
April 5, 2012
ISL70002SEHF/PROTO INTERSIL-ISL70002SEHF/PROTO Datasheet
558Kb / 23P
Rad Hard and SEE Hard 12A Synchronous Buck Regulator with Multi-Phase Current Sharing
April 5, 2012
ISL70002SEHX/SAMPLE INTERSIL-ISL70002SEHX/SAMPLE Datasheet
558Kb / 23P
Rad Hard and SEE Hard 12A Synchronous Buck Regulator with Multi-Phase Current Sharing
April 5, 2012
More results


Similar Description - ISL70002SEH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCTS160MS INTERSIL-HCTS160MS Datasheet
138Kb / 9P
Radiation Hardened Synchronous Counter
September 1995
ISL7457SRH INTERSIL-ISL7457SRH Datasheet
388Kb / 12P
Radiation Hardened, SEE Hardened, Non-Inverting, Quad CMOS Driver
March 16, 2009
ISL70001SRH INTERSIL-ISL70001SRH Datasheet
289Kb / 16P
Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator with Integrated MOSFETs
December 15, 2009
ISL7457SRH INTERSIL-ISL7457SRH_11 Datasheet
642Kb / 12P
Radiation Hardened, SEE Hardened, Non-Inverting, Quad CMOS Driver
May 16, 2011
ISL70001SRH INTERSIL-ISL70001SRH_11 Datasheet
598Kb / 16P
Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator
May 23, 2011
ISL70003SEH INTERSIL-ISL70003SEH Datasheet
1Mb / 32P
Radiation Hardened and SEE Hardened 3V to 13.2V, 6A Buck Regulator
May 12, 2016
logo
Renesas Technology Corp
ISL7457SRH RENESAS-ISL7457SRH Datasheet
567Kb / 16P
Radiation Hardened, SEE Hardened, Non-Inverting, Quad CMOS Driver
May 6, 2021
ISL70001ASEH RENESAS-ISL70001ASEH Datasheet
1Mb / 28P
Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator
Sep 16, 2022
ISL70003ASEH RENESAS-ISL70003ASEH Datasheet
1Mb / 36P
Radiation and SEE Hardened 3V to 13.2V, 9A Buck Regulator
Dec 12, 2019
ISL70003SEH RENESAS-ISL70003SEH Datasheet
1Mb / 32P
Radiation Hardened and SEE Hardened 3V to 13.2V, 6A Buck Regulator
December 8, 2016
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com